Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC236A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TMC236A
Description  High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC236A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TMC236A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 22Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 23Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 24Page - List of Unclassifed Manufacturers TMC236A Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TMC236/A DATA SHEET (V2.04 / Nov. 6th, 2006)
21
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
VOSCH
High input voltage threshold
(input OSC)
tbd
2/3 VCC
tbd
V
VOSCL
Low input voltage threshold
(input OSC)
tbd
1/3 VCC
tbd
V
VVTD
VT threshold voltage
(referenced to VS)
-130
-155
-180
mV
VTRIP
SRA / SRB voltage at
DAC=”1111”
internal ref. or
2V at INA / INB
315
350
385
mV
VSRS
SRA / SRB overcurrent detection
threshold
570
615
660
mV
VSROFFS
SRA / SRB comparator offset
voltage
-10
0
10
mV
RINAB
INA / INB input resistance
Vin
≤ 3 V
175
264
300
k
Ω
AC Characteristics
AC characteristics contain the spread of values guaranteed within the specified supply voltage and
temperature range unless otherwise specified. Typical characteristics represent the average value of
all parts.
Logic supply voltage:
VCC = 5.0V,
Bridge supply voltage: VS = 14.0V,
Ambient temperature:
TA = 27°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency
using internal oscillator
COSC = 1nF
±1%
20
25
31
kHz
tRS, tFS
Rise and fall time of outputs Oxx
with RSLP=0
Vo 15% to 85%
IOXX = 800mA
25
ns
tRS, tFS
Rise and fall time of outputs Oxx
with RSLP = 25KΩ
Vo 15% to 85%
IOXX = 800mA
125
ns
tRS, tFS
Rise and fall time of outputs Oxx
with RSLP = 50KΩ
Vo 15% to 85%
IOXX = 800mA
250
ns
TBL
Blank time
BL1, BL2 = VCC
1.35
1.5
1.65
µs
TONMIN
Minimum PWM on-time
BL1, BL2 =
GND
0.7
µs
Thermal Protection (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TJOT
Thermal shutdown
145
155
165
°C
TJOTHYS
TJOT hysteresis
15
°C
TJWT
Prewarning temperature
135
145
155
°C
TJWTHYS
TJWT hysteresis
15
°C
(1) All temperatures are for A-type. The non-A-types have 5°C lower values in all fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com