Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32243INS Datasheet(PDF) 1 Page - Klein Tools, Inc.

Part # 32243INS
Description  VDE INSULATED SCREWDRIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

32243INS Datasheet(HTML) 1 Page - Klein Tools, Inc.

  32243INS Datasheet HTML 1Page - Klein Tools, Inc. 32243INS Datasheet HTML 2Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
~
5,5 mm
PZ1
2,5 mm
4,0 mm
PZ2
VDE INSULATED
SCREWDRIVERS
Ergonomic Handles
1000 V
32268INS


Similar Part No. - 32243INS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224 BOURNS-3224 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
List of Unclassifed Man...
3224 ETC2-3224 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3224 KEYSTONE-3224 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Bourns Electronic Solut...
3224-776900 BOURNS-3224-776900 Datasheet
562Kb / 4P
3224 - 4 mm SMD Trimpot® Trimming Potentiometer
3224-J-1-502E BOURNS-3224-J-1-502E Datasheet
237Kb / 2P
3224 4 mm SMD Trimpot Trimming Potentiometer
More results

Similar Description - 32243INS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W900837 ETC2-W900837 Datasheet
17Kb / 1P
Screwdrivers for Terminal Blocks
D00031 ETC2-D00031 Datasheet
33Kb / 1P
Gearless Ratchet Screwdrivers
16112 ETC2-16112 Datasheet
231Kb / 1P
Wiha Cabinet Tip Screwdrivers
logo
PHOENIX CONTACT
SF-TX-8X80-VDE PHOENIX-SF-TX-8X80-VDE Datasheet
43Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 8 x 80, two-component handle
SF-TX-10X80-VDE PHOENIX-SF-TX-10X80-VDE Datasheet
44Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 10 x 80, two-component handle
SF-TX-15X80-VDE PHOENIX-SF-TX-15X80-VDE Datasheet
43Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 15 x 80, two-component handle
SF-TX-20X80-VDE PHOENIX-SF-TX-20X80-VDE Datasheet
44Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 20 x 80, two-component handle
SF-TX-25X100-VDE PHOENIX-SF-TX-25X100-VDE Datasheet
44Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 25 x 100, two-component handle
SF-TX-30X100-VDE PHOENIX-SF-TX-30X100-VDE Datasheet
43Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 30 x 100, two-component handle
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com