Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive, Fixed-Output Linear Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1117 Datasheet(HTML) 2 Page - Texas Instruments

  LM1117 Datasheet HTML 1Page - Texas Instruments LM1117 Datasheet HTML 2Page - Texas Instruments LM1117 Datasheet HTML 3Page - Texas Instruments LM1117 Datasheet HTML 4Page - Texas Instruments LM1117 Datasheet HTML 5Page - Texas Instruments LM1117 Datasheet HTML 6Page - Texas Instruments LM1117 Datasheet HTML 7Page - Texas Instruments LM1117 Datasheet HTML 8Page - Texas Instruments LM1117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................5
5.6 Typical Characteristics................................................ 6
6 Detailed Description......................................................10
6.1 Overview................................................................... 10
6.2 Functional Block Diagram......................................... 10
6.3 Feature Description...................................................10
6.4 Device Functional Modes..........................................13
7 Application and Implementation.................................. 14
7.1 Application Information............................................. 14
7.2 Typical Application.................................................... 16
7.3 Best Design Practices...............................................18
7.4 Power Supply Recommendations.............................18
7.5 Layout....................................................................... 19
8 Device and Documentation Support............................20
8.1 Device Support......................................................... 20
8.2 Documentation Support............................................ 20
8.3 Receiving Notification of Documentation Updates....20
8.4 Support Resources................................................... 20
8.5 Trademarks...............................................................20
8.6 Electrostatic Discharge Caution................................20
8.7 Glossary....................................................................20
9 Revision History............................................................ 21
10 Mechanical, Packaging, and Orderable
Information.................................................................... 21
LM1117-Q1
SBVS468A – DECEMBER 2024 – REVISED JUNE 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com