Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3544 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3544
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544 Datasheet(HTML) 1 Page - Texas Instruments

  LM3544 Datasheet HTML 1Page - Texas Instruments LM3544 Datasheet HTML 2Page - Texas Instruments LM3544 Datasheet HTML 3Page - Texas Instruments LM3544 Datasheet HTML 4Page - Texas Instruments LM3544 Datasheet HTML 5Page - Texas Instruments LM3544 Datasheet HTML 6Page - Texas Instruments LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3544
www.ti.com
SNVS062C – AUGUST 2000 – REVISED MAY 2013
Check for Samples: LM3544
1
FEATURES
DESCRIPTION
The LM3544 is a quad high-side power switch that is
•
Compatible with USB1.1 and USB 2.0
an excellent choice for use in Root, Self-Powered and
•
90m
Ω (typ.) High-Side MOSFET Switch
Bus- Powered USB (Universal Serial Bus) Hubs.
•
500mA Continuous Current per Port
Independent port enables, flag signals to alert USB
controllers of error conditions, controlled start-up in
•
7 ms Fault Flag Delay Filters Hot-Plug Events
hot-plug events, and short circuit protection all satisfy
•
Industry Standard Pin Order
USB requirements.
•
Short Circuit Protection with Power-Saving
The LM3544 accepts input voltages between 2.7V
Current Foldback
and 5.5V. The Enable logic inputs, available in active-
•
Thermal Shutdown Protection
high and active-low versions, can be powered off any
•
Undervoltage Lockout
voltage in the 2.7V to 5.5V range. The LM3544 limits
the continuous current through a single port to 1.25A
•
Recognized by UL and Nemko CB
(max.) when it is shorted to ground.
•
Input Voltage Range: 2.7V to 5.5V
The low on-state resistance of the LM3544 switches
•
5
μA Maximum Standby Supply Current
ensures the LM3544 will satisfy USB voltage drop
•
16-Pin SOIC Package
requirements, even when current through a switch
•
Ambient Temperature Range:
−40°C to 85°C
reaches
500
mA.
Thus,
High-Powered
USB
Functions, Low-Powered USB functions, and Bus-
Powered USB Hubs can all be powered off a Root or
APPLICATIONS
Self-Powered USB Hub containing the LM3544.
•
USB Root, Self-Powered, and Bus-Powered
Added features of the LM3544 include current fold-
Hubs
back
to
reduce
power
consumption
in
current
•
USB Devices such as Monitors and Printers
overload conditions, thermal shutdown to prevent
•
General Purpose High Side Switch
device failure caused by high current overheating,
Applications
and undervoltage lockout to keep switches from
operating if the input voltage is below acceptable
levels.
Functional Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3544

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
LM3544 TI2-LM3544 Datasheet
1Mb / 17P
Quad Port USB Power Distribution Switch and Over-Current Protection
REVISED MAY 2013
logo
National Semiconductor ...
LM3544M-H NSC-LM3544M-H Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3544M-L NSC-LM3544M-L Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
More results

Similar Description - LM3544

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
203Kb / 18P
3.0V to 5.5V USB Power Control Switch
SP2026 SIPEX-SP2026 Datasheet
164Kb / 14P
2.7V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
0.5A Dual Channel USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
AIC6186 AIC-AIC6186 Datasheet
222Kb / 9P
0.5A Dual USB High-Side Power Switch
logo
E-CMOS Corporation
ELPW5208 E-CMOS-ELPW5208 Datasheet
995Kb / 8P
1.2A Dual USB Power Loading Switch
logo
Lowpower Semiconductor ...
LPW5206 POWER-LPW5206 Datasheet
263Kb / 4P
USB Power Loading Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com