Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3544MX-L/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3544MX-L/NOPB
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544MX-L/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3544MX-L/NOPB Datasheet HTML 9Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 10Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 11Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 12Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 13Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 14Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 15Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 16Page - Texas Instruments LM3544MX-L/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM3544
www.ti.com
SNVS062C – AUGUST 2000 – REVISED MAY 2013
NOTE
The equation for power dissipation neglects the portion that comes from LM3544
quiescent current, because this value will almost always be insignificant.
Using this figure, determine the junction temperature with Equation 2:
TJ = PD * θJA + TA
where
•
θJA = SOIC Thermal Resistance: 130°C/W and TA = Ambient Temperature (°C).
(2)
Compare the calculated temperature with the expected temperature used to estimate RON. If they do not
reasonably match, re-estimate RON using a more appropriate operating temperature and repeat the calculations.
Reiterate as necessary.
PCB LAYOUT CONSIDERATIONS
In order to meet the USB requirements for voltage drop, droop and EMI, each component used in this circuit
must be evaluated for its contribution to the circuit performance. These principles are illustrated in Figure 26. The
following PCB layout rules and guidelines are recommended:
1. Place the switch as close to the USB connector as possible. Keep all Vbus traces as short as possible and
use at least 50-mil, 1 ounce copper for all Vbus traces. Solder plating the traces will reduce the trace
resistance.
2. Avoid vias as much as possible. If vias are used, use multiple vias in parallel and/or make them as large as
possible.
3. Place the output capacitor and ferrite beads as close to the USB connector as possible.
4. If ferrite beads are used, use wires with minimum resistance and large solder pads to minimize connection
resistance.
Figure 26. Self-Powered Hub Connections and Per-Port Voltage Drop
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com