Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P30NF10
Description  N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P30NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  P30NF10 Datasheet HTML 1Page - STMicroelectronics P30NF10 Datasheet HTML 2Page - STMicroelectronics P30NF10 Datasheet HTML 3Page - STMicroelectronics P30NF10 Datasheet HTML 4Page - STMicroelectronics P30NF10 Datasheet HTML 5Page - STMicroelectronics P30NF10 Datasheet HTML 6Page - STMicroelectronics P30NF10 Datasheet HTML 7Page - STMicroelectronics P30NF10 Datasheet HTML 8Page - STMicroelectronics P30NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2006
Rev 2
1/16
16
STB30NF10
STP30NF10 - STP30NF10FP
N-channel 100V - 0.038
Ω - 35A - D2PAK/TO-220/TO-220FP
Low gate charge STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB30NF10
100V
<0.045
Ω
35A
STP30NF10
100V
<0.045
Ω
35A
STP30NF10FP
100V
<0.045
Ω
35A
D2PAK
1
2
3
1
3
TO-220FP
TO-220
1
2
3
www.st.com
Order codes
Sales type
Marking
Package
Packaging
STB30NF10T4
B30NF10
D2PAK
Tape & reel
STP30NF10
P30NF10
TO-220
Tube
STP30NF10FP
P30NF10FP
TO-220FP
Tube


Similar Part No. - P30NF10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P30N06LE VBSEMI-P30N06LE Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
P30N06TA VBSEMI-P30N06TA Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
P30N10 STMICROELECTRONICS-P30N10 Datasheet
1Mb / 13P
N-channel 100 V, 0.02 Ω typ., 32 A STripFET™ F7 Power MOSFET in a TO-220 package
01-Feb-2016
P30NS15LFP STMICROELECTRONICS-P30NS15LFP Datasheet
317Kb / 9P
N-CHANNEL 150V - 0.085 W - 10A TO-220FP MESH OVERLAY??POWER MOSFET
Jul-2003
More results

Similar Description - P30NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
May-2002
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP80NF10 STMICROELECTRONICS-STP80NF10 Datasheet
334Kb / 9P
N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET™ I POWER MOSFET
Sep-2002
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
31-Jan-2007
STB14NF10 STMICROELECTRONICS-STB14NF10_07 Datasheet
516Kb / 16P
N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
19-Jun-2006
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com