Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA330 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 6Page - STMicroelectronics STA330 Datasheet HTML 7Page - STMicroelectronics STA330 Datasheet HTML 8Page - STMicroelectronics STA330 Datasheet HTML 9Page - STMicroelectronics STA330 Datasheet HTML 10Page - STMicroelectronics STA330 Datasheet HTML 11Page - STMicroelectronics STA330 Datasheet HTML 12Page - STMicroelectronics STA330 Datasheet HTML 13Page - STMicroelectronics STA330 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Electrical specifications
STA330
10/55
3.3
Lock time
Table 6 gives the typical lock time of the PLL using the suggested loop filter on page 18, a
1.8-V supply and 30o C junction temperature.
3.4
ADC performance values
Table 6.
PLL lock time
Parameter
Value
Lock time
200 µs
Table 7.
Programmable gain performance
Parameter
Min
Typ
Max
Unit
Dynamic range, 1 kHz, 3.3-V supply
dB
Dynamic range, 1 kHz, 1.8-V supply
dB
Dynamic range, 1 kHz, 3.3-V supply A-weighted
92
dB
Dynamic range, 1 kHz, 1.8-V supply A-weighted
84
dB
SNDR 1 kHz, 3.3 V supply
dB
SNDR 1 kHz, 1.8 V supply
dB
SNDR 1 kHz, 3.3 V supply A-weighted
92
dB
SNDR 1 kHz, 1.8 V supply A-weighted
84
dB
THD 1 kHz, -1 dB input, 1.8-V supply
75
dB
THD 1 kHz, -1 dB input, 3.3-V supply
85
dB
Deviation from linear phase
°
Pass band
kHz
Pass band ripple
dB
Stop band
kHz
Stop band attenuation
dB
Group delay, 8 kHz
ms
Group delay, 48 kHz
ms
Cross talk, 1.8 V
dB
Cross talk, 3.3 V
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com