Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA32813TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA32813TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32813TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA32813TR Datasheet HTML 3Page - STMicroelectronics STA32813TR Datasheet HTML 4Page - STMicroelectronics STA32813TR Datasheet HTML 5Page - STMicroelectronics STA32813TR Datasheet HTML 6Page - STMicroelectronics STA32813TR Datasheet HTML 7Page - STMicroelectronics STA32813TR Datasheet HTML 8Page - STMicroelectronics STA32813TR Datasheet HTML 9Page - STMicroelectronics STA32813TR Datasheet HTML 10Page - STMicroelectronics STA32813TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7/41
STA328
4.3 Power Electrical Characteristcs (VL = 3.3V; Vcc = 30V; Tamb = 25°C unless otherwise specified
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id=1A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
Vcc=35V
50
µA
gN
Power Pchannel RdsON Matching Id=1A
95
%
gP
Power Nchannel RdsON
Matching
Id=1A
95
%
Dt_s
Low current Dead Time (static)
see test circuit no.1; see fig. 1
10
20
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load
25
ns
tf
Fall time
Resistive load; as fig. 1
25
ns
VCC
Supply voltage operating voltage
10
36
V
VL
Low logical state voltage VL
VL = 3.3V
0.8
V
VH
High logical state voltage VH
VL = 3.3V
1.7
V
IVCC-
PWRDN
Supply Current from Vcc in
PWRDN
PWRDN = 0
3
mA
IVCC-hiz
Supply current from Vcc in Tri-
state
Vcc=30V; Tri-state
22
mA
IVCC
Supply current from Vcc in
operation
(both channel switching)
Input pulse width = 50% Duty;
Switching Frequency = 384Khz;
No LC filters;
80
mA
Iout-sh
Overcurrent protection threshold
(short circuit current limit)
4.5
6
A
VUV
Undervoltage protection threshold
7
V
tpw-min
Output minimum pulse width
No Load
70
150
ns
Po
Output Power (refer to test circuit
THD = 10%
RL = 4
Ω; VS = 21V
RL = 8
Ω; VS = 36V
50
80
W
W
Po
Output Power (refer to test circuit
THD = 1%
RL = 4
Ω; VS = 21V
RL = 8
Ω; VS = 36V
40
62
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com