Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLCD1 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7FLCD1_05 Datasheet HTML 22Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 23Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 24Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 25Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 26Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 27Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 28Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 29Page - STMicroelectronics ST7FLCD1_05 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
Interrupts
ST7FLCD1
26/95
4.5
Register Description
EXTERNAL INTERRUPT REGISTER (ITRFRE)
Read/Write
Reset value:00h
Bits [7:6] = Reserved. Forced by hardware to 0.
Bit 5 = ITBEDGE Interrupt B Edge Selection.
This bit is set and cleared by software.
0
Falling edge selected on ITB (default)
1
Rising edge selected on ITB
Bit 4 = ITBLAT Falling or Rising Edge Detector Latch.
This bit is set by hardware, when a falling or rising edge, depending on the sensitivity, occurs on the
ITB/PA7 pin. An interrupt is generated if ITBITE = 1. It must be cleared by software.
0
No edge detected on ITB (default)
1
Edge detected on ITB
Bit 3 = ITBITE ITB Interrupt Enable.
This bit is set and cleared by software.
0
ITB interrupt disabled (default)
1
ITB interrupt enabled
Bit 2 = ITAEDGE Interrupt A Edge Selection.
This bit is set and cleared by software.
0
Falling edge selected on ITA (default)
1
Rising edge selected on ITA
Bit 1 = ITALAT Falling or Rising Edge Detector Latch.
This bit is set by hardware when a falling or a rising edge, depending on the sensitivity, occurs on
the ITA/PA6 pin. An interrupt is generated if ITAITE = 1. It must be cleared by software.
0
No edge detected on ITA (default)
1
Edge detected on ITA
Bit 0 = ITAITE ITA Interrupt Enable.
This bit is set and cleared by software.
0
ITA interrupt disabled (default)
1
ITA interrupt enabled
Table 6: External Interrupt Register Map
Address
Reset
Register
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
000Ch
00h
R/W
ITRFRE
0
0
ITB
EDGE
ITBLAT
ITBITE
ITA
EDGE
ITALAT
ITAITE
765
432
10
0
0
ITBEDGE
ITBLAT
ITBITE
ITAEDGE
ITALAT
ITAITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com