Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLCD1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 29Page - STMicroelectronics ST7FLCD1 Datasheet HTML 30Page - STMicroelectronics ST7FLCD1 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1 Datasheet HTML 34Page - STMicroelectronics ST7FLCD1 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1 Datasheet HTML 36Page - STMicroelectronics ST7FLCD1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
33/95
ST7FLCD1
Clocks & Low Power Modes
6.1.4
Clock Signals
The root clock is divided by a factor of 3 to obtain the CPU clock (fCPU).
6.2
Power Saving Modes
The MCU offers the possibility to decrease power consumption at any time by software operation.
6.2.1
HALT Mode
HALT mode is the MCU lowest power consumption mode. Also, HALT mode also stops the
oscillator stage completely which is the most critical condition (the MCU cannot recover by itself).
For this reason, HALT mode is not compatible with the watchdog protection.
6.2.2
WAIT Mode
This is a low power consumption mode. The WFI instruction sets the MCU in WAIT mode. The
internal clock remains active but all CPU processing is stopped. However, all other peripherals still
run.
Note:
In WAIT mode, DMA (DDC A and DDC B) accesses are possible.
6.2.3
Exit from HALT and WAIT Modes
The MCU can exit HALT mode upon reception of an external interrupt on pins ITA or ITB. The
oscillator is then turned back on and a stabilizing time is necessary before releasing CPU operation
(4096 CPU clock cycles). After this delay, the CPU continues operation according to the cause of its
release, either by servicing an interrupt or by fetching the reset vector in case of reset.
During WAIT mode, the I bit from the Condition Code register is cleared, enabling all interrupts. This
leads the MCU to exit WAIT mode, the corresponding interrupt vector tois fetched, the interrupt
routine is executed and normal processing resumes.
A reset causes the program counter to fetch the reset vector. Processing starts as with a normal
reset.
Figure 14: Clock System Diagram
Table 8: Watchdog Compatibility
Watchdog
Executing HALT Instruction
Enabled
Generates an immediate reset
Disabled
Puts the MCU in HALT mode
OSC
:3
fCPU and other peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com