Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0552/PC Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PX0552/PC
Description  General Purpose Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0552/PC Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PX0552/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0552/PC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.bulgin.co.uk
144
GENERAL PURPOSE CONNECTORS
Flex Mount Plug and Panel Mount Sockets
PX0551
PX0552
PX0552/PC
8 Poles
Mates with PX0552,
PX0552/PC, PX0956/S and
PX0957/S
Screw Terminals
6A, 250V a.c. (per Pin)
8 Poles
Mates with PX0551
4.8mm Tabs
6A, 250V a.c. (per Pin)
8 Poles
Mates with PX0551
PC Spills
6A, 250V a.c. (per Pin)
Specification
PX0551
PX0552
PX0552/PC
Terminations:
Screw Terminals
4.8 Series Tab
P.C. Spills
Max. Rating:
6A, 250V a.c. (per pin)
6A, 250V a.c. (per pin)
6A, 250V a.c. (per pin)
Contact Resistance:
<20m
Ω
<20m
Ω
<20m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω
>103 M
Ω
A.C. Breakdown:
Pole-Pole 5.2kV
Pole-Pole 5.2kV
Pole-Pole 5.2kV
Poles-Accessible Parts 6kV
Poles-Exterior Parts/Panel 2kV
Poles-Exterior Parts/Panel 6.6kV
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Mouldings:
Glass Filled Nylon (Black)
Glass Filled Nylon (Black)
Glass Filled Nylon (Black)
Flammability Rating:
UL94 HB
UL94 HB
UL94 HB
Contacts:
Brass, Nickel Plated
Brass, Tin Plated
Brass, Tin Plated
Mates With:
PX0552, PX0552/PC, PX0956/S,
PX0551, PX0959/P, PX0959/P/PC
PX0551, PX0959/P, PX0959/P/PC
PX0957/S
Compliant
Compliant
Compliant
FLEX MOUNT MALE CIRCULAR CONNECTOR
PANEL MOUNT FEMALE CIRCULAR OUTLET
PC PANEL MOUNT FEMALE CIRCULAR OUTLET
RoHS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com