Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P822601 Datasheet(PDF) 13 Page - Kyocera Kinseki Corpotation

Part # P822601
Description  Universal Broadband FR4Embedded LTE / LPWAAntenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

P822601 Datasheet(HTML) 13 Page - Kyocera Kinseki Corpotation

Back Button P822601 Datasheet HTML 5Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 6Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 7Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 8Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 9Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 10Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 11Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 12Page - Kyocera Kinseki Corpotation P822601 Datasheet HTML 13Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
P822601 / P822602 Universal Broadband Embedded LTE Antenna Specifications.
Ethertronics produces a wide variety of standard and custom antennas to meet user needs.
tel +(1) 858.550.3820 | fax +(1) 858.550.3821
email: info@ethertronics.com
5501 Oberlin Drive, Suite 100 San Diego, CA 92121 - USA
Recommended Reflow Soldering Profile
The recommended method for soldering the antenna to the board is forced convection reflow soldering. The following
suggestions provide information on how to optimize the reflow process for the FR4 antenna:
*Adjust the reflow duration to create good solder joints without raising the antenna temperature
beyond the allowed maximum of 260° C.
© 2018 Ethertronics
DATASHEET | Part No. P822601 / P822602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com