Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM237K Datasheet(PDF) 12 Page - STMicroelectronics

Part # LM237K
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM237K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LM237K Datasheet HTML 6Page - STMicroelectronics LM237K Datasheet HTML 7Page - STMicroelectronics LM237K Datasheet HTML 8Page - STMicroelectronics LM237K Datasheet HTML 9Page - STMicroelectronics LM237K Datasheet HTML 10Page - STMicroelectronics LM237K Datasheet HTML 11Page - STMicroelectronics LM237K Datasheet HTML 12Page - STMicroelectronics LM237K Datasheet HTML 13Page - STMicroelectronics LM237K Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.2
15.9
0.598
0.625
L7
6.2
6.6
0.244
0.260
L9
3.5
4.2
0.137
0.165
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
LM137-LM237-LM337
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14