Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8113 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS8113
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS8113 Datasheet HTML 1Page - Maxim Integrated Products DS8113 Datasheet HTML 2Page - Maxim Integrated Products DS8113 Datasheet HTML 3Page - Maxim Integrated Products DS8113 Datasheet HTML 4Page - Maxim Integrated Products DS8113 Datasheet HTML 5Page - Maxim Integrated Products DS8113 Datasheet HTML 6Page - Maxim Integrated Products DS8113 Datasheet HTML 7Page - Maxim Integrated Products DS8113 Datasheet HTML 8Page - Maxim Integrated Products DS8113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Smart Card Interface
_______________________________________________________________________________________
3
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK SOURCE
Crystal Frequency
fXTAL
External crystal
0
20
MHz
fXTAL1
0
20
MHz
VIL_XTAL1
Low-level input on XTAL1
-0.3
0.3 x
VDD
XTAL1 Operating Conditions
VIH_XTAL1
High-level input on XTAL1
0.7 x
VDD
VDD +
0.3
V
External Capacitance for Crystal
CXTAL1,
CXTAL2
15
pF
Internal Oscillator
fINT
2.2
2.7
3.2
MHz
SHUTDOWN TEMPERATURE
Shutdown Temperature
TSD
+150
°C
RST PIN
Output Low Voltage
VOL_RST1
IOL_RST = 1mA
0
0.3
V
Card-Inactive Mode
Output Current
IOL_RST1
VO_LRST = 0V
0
-1
mA
Output Low Voltage
VOL_RST2
IOL_RST = 200µA
0
0.3
V
Output High
Voltage
VOH_RST2
IOH_RST = -200µA
VCC -
0.5
VCC
V
Rise Time
tR_RST
CL = 30pF
0.1
µs
Fall Time
tF_RST
CL = 30pF
0.1
µs
Shutdown Current
Threshold
IRST(SD)
-20
mA
Current Limitation
IRST(LIMIT)
-20
+20
mA
Card-Active Mode
RSTIN to RST Delay
tD(RSTIN-RST)
2
µs
CLK PIN
Output Low Voltage
VOL_CLK1
IOLCLK = 1mA
0
0.3
V
Card-Inactive Mode
Output Current
IOL_CLK1
VOLCLK = 0V
0
-1
mA
Output Low Voltage
VOL_CLK2
IOLCLK = 200µA
0
0.3
V
Output High
Voltage
VOH_CLK2
IOHCLK = -200µA
VCC -
0.5
VCC
V
Rise Time
tR_CLK
CL = 30pF (Note 4)
8
ns
Fall Time
tF_CLK
CL = 30pF (Note 4)
8
ns
Current Limitation
ICLK(LIMIT)
-70
+70
mA
Clock Frequency
fCLK
Operational
0
10
MHz
Duty Factor
CL = 30pF
45
55
%
Card-Active Mode
Slew Rate
SR
CL = 30pF
0.2
V/ns
VCC PIN
Output Low Voltage
VCC1
ICC = 1mA
0
0.3
V
Card-Inactive Mode
Output Current
ICC1
VCC = 0V
0
-1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com