Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP0974 Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDP0974
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDP0974 Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDP0974 Datasheet HTML 1Page - Potens Semiconductor Corp. PDP0974 Datasheet HTML 2Page - Potens Semiconductor Corp. PDP0974 Datasheet HTML 3Page - Potens Semiconductor Corp. PDP0974 Datasheet HTML 4Page - Potens Semiconductor Corp. PDP0974 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.03
2
PDP0974
100V N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
IDSS
Drain-Source Leakage Current
VDS=100V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=80V , VGS=0V , TJ=85℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=20V , VDS=0V
---
---
100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=20A
---
5.5
6.5
m
VGS=4.5V , ID=10A
---
7
9
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1
1.6
2.5
V
gfs
Forward Transconductance
VDS=10V , ID=5A
---
8
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3 , 4
VDS=80V , VGS=10V , ID=10A
---
58.2
100
nC
Qgs
Gate-Source Charge3 , 4
---
9.2
18
Qgd
Gate-Drain Charge3 , 4
---
20.8
30
Td(on)
Turn-On Delay Time3 , 4
VDD=50V , VGS=10V , RG=6
ID=1A
---
24
48
ns
Tr
Rise Time3 , 4
---
19.8
39
Td(off)
Turn-Off Delay Time3 , 4
---
46
92
Tf
Fall Time3 , 4
---
26
52
Ciss
Input Capacitance
VDS=25V , VGS=0V , F=1MHz
---
4570
9100
pF
Coss
Output Capacitance
---
1180
2300
Crss
Reverse Transfer Capacitance
---
49
98
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
2
4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
100
A
ISM
Pulsed Source Current
---
---
200
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=80A.,RG=25,Starting TJ=25℃.
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com