Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP50B60PD Datasheet(PDF) 4 Page - International Rectifier

Part # GP50B60PD
Description  SMPS IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP50B60PD Datasheet(HTML) 4 Page - International Rectifier

  GP50B60PD Datasheet HTML 1Page - International Rectifier GP50B60PD Datasheet HTML 2Page - International Rectifier GP50B60PD Datasheet HTML 3Page - International Rectifier GP50B60PD Datasheet HTML 4Page - International Rectifier GP50B60PD Datasheet HTML 5Page - International Rectifier GP50B60PD Datasheet HTML 6Page - International Rectifier GP50B60PD Datasheet HTML 7Page - International Rectifier GP50B60PD Datasheet HTML 8Page - International Rectifier GP50B60PD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRGP50B60PD
4
www.irf.com
Fig. 8 - Typical VCE vs. VGE
TJ = 25°C
Fig. 9 - Typical VCE vs. VGE
TJ = 125°C
Fig. 12 - Typ. Switching Time vs. IC
TJ = 125°C; L = 200µH; VCE = 390V, RG = 3.3Ω; VGE = 15V.
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 11 - Typ. Energy Loss vs. IC
TJ = 125°C; L = 200µH; VCE = 390V, RG = 3.3Ω; VGE = 15V.
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 10 - Maximum. Diode Forward
Characteristics tp = 80µs
Fig. 7 - Typ. Transfer Characteristics
VCE = 50V; tp = 10µs
0
5
10
15
20
VGE (V)
0
100
200
300
400
500
600
TJ = 25°C
TJ = 125°C
TJ = 125°C
TJ = 25°C
0
5
10
15
20
VGE (V)
0
5
10
15
20
25
ICE = 15A
ICE = 33A
ICE = 50A
0
5
10
15
20
VGE (V)
0
5
10
15
20
25
ICE = 15A
ICE = 33A
ICE = 50A
10
20
30
40
50
60
70
IC (A)
200
400
600
800
1000
1200
1400
1600
1800
EOFF
EON
0
10
20
30
40
50
60
70
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
1
10
100
0.6
1.0
1.4
1.8
2.2
2.6
FM
T = 150°C
T = 125°C
T =
25°C
J
J
J
A
Forward Voltage Drop - V
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com