| Electronic Components Datasheet Search |
|
L5981TR Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5981TR Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 37 page ![]() Functional description L5981 10/37 4.2 Soft-start The soft-start is essential to assure correct and safe start up of the step-down converter. It avoids inrush current surge and makes the output voltage increases monothonically. The soft -start is performed by a staircase ramp on the non-inverting input (VREF) of the Error Amplifier. So the output voltage slew rate is: Equation 1 where SRVREF is the slew rate of the non-inverting input and R1, R2 is the resistor divider to regulate the output voltage (see Figure 7). The soft-start stair case consists of 64 steps of 9.5mV each one, from 0V to 0.6V. The time base of one step is of 32 clock cycles. So the soft start time and then the output voltage slew rate depend on the switching frequency. Figure 7. Soft start scheme. Soft start time results: Equation 2 For example with a switching frequency of 250kHz the SSTIME is 8ms. SR OUT SR VREF 1 R1 R2 -------- + ⎝⎠ ⎛⎞ ⋅ = SS TIME 32 64 ⋅ Fsw ----------------- = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |