Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D01002 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D01002
Description  Electronic Professional Side Cutters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D01002 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D01002 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Head
Cutting
Overall length
Size
Cut Type
Capacity
inch
mm
Mftrs. List No.
Order Code
Oval Head
S
Semi-flush
0.2 - 1.2 mm
4.8"
123
D00998
169-6510
S
Flush
0.1 - 1.2 mm
4.8"
123
D00999
169-6511
S
Full-flush
0.1 - 1.0 mm
4.8"
123
D01000
169-6512
L
Semi-flush
0.3 - 1.6 mm
4.9"
125
D01001
169-6513
L
Flush
0.2 - 1.6 mm
4.9"
125
D01002
169-6514
L
Full-flush
0.2 - 1.2 mm
4.9"
125
D01003
169-6515
Tapered Head
S
Semi-flush
0.2 - 1.2 mm
4.8"
123
D01004
169-6516
S
Flush
0.1 - 1.2 mm
4.8"
123
D01005
169-6517
S
Full-flush
0.1 - 1.0 mm
4.8"
123
D01006
169-6519
L
Semi-flush
0.3 - 1.6 mm
4.9"
125
D01007
169-6521
L
Flush
0.2 - 1.6 mm
4.9"
125
D01008
169-6522
L
Full-flush
0.2 - 1.2 mm
4.9"
125
D01009
169-6523
Tapered & Relieved Head
S
Semi-flush
0.2 - 1.0 mm
4.8"
123
D01010
169-6524
S
Flush
0.1 - 1.0 mm
4.8"
123
D01011
169-6525
S
Full-flush
0.1 - 0.8 mm
4.8"
123
D01012
169-6526
Price Each
Mftrs. List No. Head Size
Cut Type
Order Code
+++
Oval Head
D00998
S
Semi-flush
169-6510
——
——
——
D00999
S
Flush
169-6511
——
——
——
D01000
S
Full-flush
169-6512
——
——
——
D01001
L
Semi-flush
169-6513
——
——
——
D01002
L
Flush
169-6514
——
——
——
D01003
L
Full-flush
169-6515
——
——
——
Tapered Head
D01004
S
Semi-flush
169-6516
——
——
——
D01005
S
Flush
169-6517
——
——
——
D01006
S
Full-flush
169-6519
——
——
——
D01007
L
Semi-flush
169-6521
——
——
——
D01008
L
Flush
169-6522
——
——
——
D01009
L
Full-flush
169-6523
——
——
——
Tapered & Relieved Head
D01010
S
Semi-flush
169-6524
——
——
——
D01011
S
Flush
169-6525
——
——
——
D01012
S
Full-flush
169-6526
——
——
——
Electronic Professional Side Cutters
The Best Cutters You’ll Ever Use
531481
Ì High quality ball
bearing steel
Ì 63 - 65 Rockwell
Hardness (HRC)
Ì 2-Component ESD Ergonomic han-
dles, soft comfortable gripping sur-
face, hard plastic core
Ì Dual leaf springs in blue steel
Ì Matched bearing rings to minimize
metal-metal contact and friction
Ì Lap joint with screw to achieve a high level of strength and precision
Ì Static dissipative (106 - 108 Ω/sq.), oil, grease and wear-resistant
Ì All cutters available with three types of cutting blades:
—Semi-flush: for soft and hard wire
—Flush: for very precise cutting of soft wire
—Full-flush: for a perfect cutting of soft wire


Similar Part No. - D01002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D0100 LITTELFUSE-D0100 Datasheet
2Mb / 1P
Fits into wide range of Arc-Flash applications
More results

Similar Description - D01002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8130 ETC1-8130 Datasheet
30Kb / 1P
Diagonal cutters oval
T2231 ETC1-T2231 Datasheet
145Kb / 2P
Pipe cutters
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
Professional Handcrimpwerkzeug Professional hand crimp tool
169-6510 ETC2-169-6510 Datasheet
34Kb / 1P
Electronic Professional Side Cutters
56801 ETC2-56801 Datasheet
198Kb / 1P
Electronic Diagonal Cutters
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
T123500 ETC2-T123500 Datasheet
344Kb / 2P
Pad Cutters, Insertion Tools
W11800 ETC2-W11800 Datasheet
224Kb / 7P
Hydraulic Rod and Bar Cutters
logo
PHOENIX CONTACT
CUTFOX-52 PHOENIX-CUTFOX-52 Datasheet
48Kb / 2P
CUTFOX ... one-handed ring cable cutters for professional cutting results
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com