Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6732TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6732TR
Description  Adjustable step-down controller with synchronous rectification
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6732TR Datasheet HTML 13Page - STMicroelectronics L6732TR Datasheet HTML 14Page - STMicroelectronics L6732TR Datasheet HTML 15Page - STMicroelectronics L6732TR Datasheet HTML 16Page - STMicroelectronics L6732TR Datasheet HTML 17Page - STMicroelectronics L6732TR Datasheet HTML 18Page - STMicroelectronics L6732TR Datasheet HTML 19Page - STMicroelectronics L6732TR Datasheet HTML 20Page - STMicroelectronics L6732TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
L6732
Device description
17/36
The device realizes the over-current-protection (OCP) sensing the current both on the high-side
MOSFET(s) and the low-side MOSFET(s) and so 2 current limit thresholds can be set (see
OCH pin and OCL pin in Table 3. Pins function):
●
Peak Current Limit
●
Valley Current Limit
The Peak Current Protection is active when the high-side MOSFET(s) is turned on, after a
masking time of about 100ns. The valley-current-protection is enabled when the low-side
MOSFET(s) is turned on after a masking time of about 400ns. If, when the soft-start phase is
completed, an over current event occurs during the on time (peak-current-protection) or during
the off time (valley-current-protection) the device enters in HICCUP mode: the high-side and
low-side MOSFET(s) are turned off, the soft-start capacitor is discharged with a constant
current of 10µA and when the voltage at the SS pin reaches 0.5V the soft-start phase restarts.
During the soft-start phase the OCP provides a constant-current-protection. If during the TON
the OCH comparator triggers an over current the high-side MOSFET(s) is immediately turned
off (after the masking time and the internal delay) and returned on at the next pwm cycle. The
limit of this protection is that the TON can't be less than masking time plus propagation delay
because during the masking time the peak-current-protection is disabled. In case of very hard
short circuit, even with this short TON, the current could escalate. The valley-current-protection
is very helpful in this case to limit the current. If during the off-time the OCL comparator triggers
an over current, the high-side MOSFET(s) is not turned on until the current is over the valley-
current-limit. This implies that, if it is necessary, some pulses of the high-side MOSFET(s) will
be skipped, guaranteeing a maximum current due to the following formula:
In constant current protection a current control loop limits the value of the error amplifier output
(comp), in order to avoid its saturation and thus recover faster when the output returns in
regulation. Figure 12. shows the behaviour of the device during an over current condition that
persists also in the soft-start phase.
Figure 11. OVP: the low-side MOSFET is turned-on in advance.
VOUT
VFB
LGate
109%
MIN
ON
VALLEY
MAX
T
L
Vout
Vin
I
I
,
⋅
−
+
=
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com