Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P32-VMP6P Datasheet(PDF) 6 Page - Numonyx B.V

Part # M25P32-VMP6P
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6P Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M25P32-VMP6P Datasheet HTML 2Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 3Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 4Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 5Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 6Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 7Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 8Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 9Page - Numonyx B.V M25P32-VMP6P Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Description
M25P32
6/53
1
Description
The M25P32 is a 32 Mbit (4M x 8) Serial Flash memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program
instruction.
An enhanced Fast Program/Erase mode is available to speed up operations in factory
environment. The device enters this mode whenever the VPPH voltage is applied to the Write
Protect/Enhanced Program Supply Voltage pin (W/VPP).
The memory is organized as 64 sectors, each containing 256 pages. Each page is 256
bytes wide. Thus, the whole memory can be viewed as consisting of 16384 pages, or
4,194,304 bytes.
The whole memory can be erased using the Bulk Erase instruction, or a sector at a time,
using the Sector Erase instruction.
In order to meet environmental requirements, Numonyx offers the M25P32 in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com