Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETFV14 Datasheet(PDF) 5 Page - EPCOS

Part # ETFV14
Description  SIOV metal oxide varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ETFV14 Datasheet(HTML) 5 Page - EPCOS

  ETFV14 Datasheet HTML 1Page - EPCOS ETFV14 Datasheet HTML 2Page - EPCOS ETFV14 Datasheet HTML 3Page - EPCOS ETFV14 Datasheet HTML 4Page - EPCOS ETFV14 Datasheet HTML 5Page - EPCOS ETFV14 Datasheet HTML 6Page - EPCOS ETFV14 Datasheet HTML 7Page - EPCOS ETFV14 Datasheet HTML 8Page - EPCOS ETFV14 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called Vv (1 mADC @ 0.2 … 2 s).
To meet the specified value.
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20
µs) applied.
To meet the specified value.
Surge current derating,
8/20
µs
CECC 42 000, test C 2.1
100 surge currents (8/20
µs), unipolar,
interval 30 s, amplitude corresponding
to derating curve for 100 impulses
at 20
µs
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Surge current derating,
2ms
CECC 42 000, test C 2.1
100 surge currents (2 ms), unipolar,
interval 120 s, amplitude corresponding
to derating curve for 100 impulses
at 2 ms
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Abnormal overvoltage test
UL1449, limited current abnormal over-
voltage test. Apply a high AC voltage
to ThermoFuse varistor, the amplitude
of overvoltage and current limit will be
adopted from UL1449 general instruc-
tion in section 37. The specimen will be
tested on a softwood surface covered
with a double layer of white tissue
paper. The specimen is to be loosely
draped with a double layer of cheese-
cloth. The cheesecloth shall cover
openings where flame, molten or other
particles may be expelled as a result of
the test. The test result will be visually
inspected.
Any of these phenomena
shall not be observed, or
this specimen will be
judged as failed part.
1. Emission of flame,
molten metal, glowing
or flaming particles
through any openings
(pre-existed or created
as a result of the test)
in the product.
2. Charring, glowing, or
flaming of the supporting
surface, tissue paper,
or cheesecloth.
3. Ignition of the enclosure.
4. Creation of any openings
in the enclosure that
result in accessibility of
live parts, when judged
in accordance with
accessibility of live parts,
UL1449 section 13.
ThermoFuse varistors, ETFV14 series
Housed varistors



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com