Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P32-VMP6G Datasheet(PDF) 7 Page - Numonyx B.V

Part # M25P32-VMP6G
Description  32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P32-VMP6G Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M25P32-VMP6G Datasheet HTML 3Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 4Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 5Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 6Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 7Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 8Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 9Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 10Page - Numonyx B.V M25P32-VMP6G Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
M25P32
Description
7/53
Figure 1.
Logic diagram
Figure 2.
VDFPN connections
1.
There is an exposed central pad on the underside of the MLP8 package. This is pulled, internally, to VSS,
and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data input
Input
Q
Serial Data output
Output
S
Chip Select
Input
W/VPP
Write Protect/Enhanced Program supply voltage
Input
HOLD
Hold
Input
VCC
Supply voltage
Input
VSS
Ground
AI07483b
S
VCC
M25P32
HOLD
VSS
W/VPP
Q
C
D
1
AI08518b
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
M25P32
W/VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com