Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM833
Description  LOW NOISE DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833 Datasheet(HTML) 3 Page - STMicroelectronics

  LM833 Datasheet HTML 1Page - STMicroelectronics LM833 Datasheet HTML 2Page - STMicroelectronics LM833 Datasheet HTML 3Page - STMicroelectronics LM833 Datasheet HTML 4Page - STMicroelectronics LM833 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = +15V, VCC- = -15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs =10
Ω,Vo = 0V, Vic = 0V)
0.3
5
mV
DVio
Input Offset Voltage Drift
Rs =10
Ω,Vo = 0V, Tmin. ≤ Tamb ≤ Tmax.
2
µV/oC
Iio
Input Offset Current (Vic =0V, VO = 0V)
25
200
nA
Iib
Input Bias Current (Vic = 0V, VO = 0V)
300
1000
nA
Vicm
Common Mode Input Voltage Range
±12
±14
V
Avd
Large Signal Voltage Gain (RL =2k
Ω,VO = ±10V)
90
100
dB
±Vopp
Output Voltage Swing (Vid =
±1V)
RL = 2.0k
Ω
RL = 2.0k
Ω
RL = 10k
Ω
RL = 10k
Ω
10
12
13.7
-14
13.9
-14.4
-10
-12
V
CMR
Common Mode Rejection Ratio (Vic =
±12V)
80
100
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ /VCC- = +15V / -15V to +5V / -5V
80
105
dB
ICC
Supply current (VO = 0V, All Amplifiers)
4
8
mA
SR
Slew Rate
Vi = -10V to +10V, RL =2k
Ω,AV = +1V)
5
7
V/
µs
GBP
Gain Bandwidth Product (f = 100kHz, RL =2k
Ω,CL = 100pF)
10
15
MHz
B
Unity Gain Bandwidth (Open loop)
9
MHz
∅m
Phase Margin
60
Degrees
en
Equivalent Input Noise Voltage (RS = 100
Ω, f = 1kHz)
4.5
nV
√
Hz
in
Equivalent Input Noise current (f = 1kHz)
0.5
pA
√
Hz
THD
Total Harmonic Distortion
RL =2k
Ω, f = 20Hz to 20kHz, VO =3Vrms,AV = +1
0.002
%
VO1/VO2
Channel Separation (f = 20Hz to 20kHz)
120
dB
FPB
Full Power Bandwidth (VO = 27Vpp,RL =2k
Ω, THD ≤ 1%)
120
kHz
LM833
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com