Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THS02
Description  TYPE ‘T’ PLUG MOUNTED FOOD PROBE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THS02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THS02 Datasheet HTML 1Page - List of Unclassifed Manufacturers THS02 Datasheet HTML 2Page - List of Unclassifed Manufacturers THS02 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
TYPE ‘T’ PLUG MOUNTED FOOD PROBE KIT
Description
Comprising of four plug mounted probes, which can be plugged directly into a handheld
thermometer, and a handle, which enables the user to convert the plug mounted probes into
standard length probes, this kit provides all the probes commonly used for temperature monitoring
within the food industry.
All Probes:
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This probe is manufactured using a two stage moulding technique. Firstly the probes are encased in tough
nylon, then a thermoplastic over moulding is applied. This gives an extremely robust and durable construction
with the added benefit that the assembly is waterproof.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘T’ Thermocouple
: ½ Class I
(±0.25°C ±0.15%)
THS02 Surface Probe
The probe is designed for the measurement of surface temperatures with wide temperature range
Construction
Surface probe with copper sensing tip protected by a sprung stainless steel draught shield.
Stainless Steel 316 (Food Grade). 4mm diameter stem 110mm long. Probe tip 6mm diameter.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value on clean metal)
: 3.0 Secs
MEASUREMENT RANGE
: -50 TO 400 °C
THA12 Flat Food/Pallet Probe
The probe is designed for temperature testing between cartons or boxes. Can also be used for
testing the temperature of liquids
Construction
Flattened Stainless Steel blade 5mm in diameter by 110mm long: Stainless Steel 316 (Food Grade)
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value on clean metal)
: 3.0 Secs
MEASUREMENT RANGE
: -100 TO 250 °C


Similar Part No. - THS02

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
THS02 TM-THS02 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
THS02 TM-THS02 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
THS02 TM-THS02 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
THS02 TM-THS02 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
More results

Similar Description - THS02

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
40180 EXTECH-40180 Datasheet
200Kb / 1P
Tone Generator and Amplifier Probe Kit
logo
Pomona Electronics
5325A POMONA-5325A Datasheet
28Kb / 2P
DMM Test Probe To Multi-Stacking Banana Plug Kit
5432 POMONA-5432 Datasheet
20Kb / 1P
Do-It Yourself Test Probe & Kit
logo
Agilent(Hewlett-Packard...
85070E HP-85070E Datasheet
768Kb / 12P
Dielectric Probe Kit 200 MHz to 50 GHz
logo
3M Electronics
5432-0 3M-5432-0 Datasheet
20Kb / 1P
Do-It Yourself Test Probe and Kit
09-Jun-1999
5432-2 3M-5432-2 Datasheet
22Kb / 2P
Do-It Yourself Test Probe and Kit
09-Jun-1999
logo
Extech Instruments Corp...
40180 EXTECH-40180_15 Datasheet
200Kb / 1P
Tone Generator and Amplifier Probe Kit
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
Food thermometer
logo
Hubbell Incorporated.
C3090032 HUBBELL-C3090032 Datasheet
372Kb / 1P
Anchor, Tool, Earth Probe Kit
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com