Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QIPDF Datasheet(PDF) 7 Page - Pentair Equipment Protection - Hoffman

Part # QIPDF
Description  QLINE I, Type 4X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

QIPDF Datasheet(HTML) 7 Page - Pentair Equipment Protection - Hoffman

  QIPDF Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman QIPDF Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Polycarbonate and abS QLINE I
Spec-00411 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
non-Metallic
7
cover Screw Kit
Screws are polyamide. Wing-head-
style screws provide rapid access to
enclosure interior without requiring
special tools to open. Kit includes
four polyamide cover screws and
four self-tapping, plated panel
screws. Tamper-resistant screws
have molded 3-mm double-bit drive;
kit includes four cover screws, one
key and four self-tapping, plated
panel screws. Use on all QLINE I
enclosures.
Bulletin: Q41Y
Catalog Number
Description
QIWHSK
wing-head screw
QITSK
3-mm tamper-resistant double-bit
braSS inSert Kit
Four M5 self-tapping brass inserts
screw into molded pads in bottom of
enclosure. Inserts have M3 internal
thread.
Bulletin: Q41Y
Catalog Number
QBIK
Panel dePtH Fitting
Panel Depth Fitting attaches to
corner molded rails of enclosure
to facilitate full-range front-to-
back panel adjustment. Package
includes four polyamide fittings and
plated screws. Use on all QLINE I
enclosures.
Bulletin: Q41Y
Catalog Number
QIPDF
Swing Panel
Adjustable-depth aluminum
swing panels, for use in QLINE I
polycarbonate enclosures, provide
a convenient way to install controls
and instruments near enclosure
body opening while providing access
and security. Suitable applications
include water, pulp and paper,
petroleum and chemical processing,
food, packaging and pharmaceutical
applications.
Bulletin: Q41Y
Catalog Number
Panel Size
D x E
mm/in.
Fits Enclosure
Size A x B
mm/in.
Hinged Side
of Enclosure
QIHFP22A
186 x 180
7.32 x 7.09
200 x 200
7.87 x 7.87
200
QIHFP23A
186 x 280
7.32 x 11.02
300 x 200
11.81 x 7.87
200
QIHFP32A
286 x 180
11.26 x 7.09
300 x 200
11.81 x 7.87
300
QIHFP42A
386 x 180
15.20 x 7.09
400 x 200
15.75 x 7.87
400
QIHFP33A
286 x 280
11.26 x 11.02
300 x 300
11.81 x 11.81
300
QIHFP43A
386 x 280
15.20 x 11.02
400 x 300
15.75 x 11.81
400
QIHFP63A
586 x 280
23.07 x 11.02
600 x 300
23.62 x 11.81
600
QIHFP64A
586 x 380
23.07 x 14.96
600 x 400
23.62 x 15.75
600



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com