Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2100/2 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # PA2100/2
Description  Panel Actuators and Indicators Type PA2 Contact Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PA2100/2 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  PA2100/2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PA2100/2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PA2100/2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice. Pictures are just an example. For special features and/or custumization, please ask to our sales network. 122011
4
Accessories for Panel Actuators
Mounting ring Ø22mm (0.87”)
Installed on plastic panel to strengthen
mounting.
FE
PA MR 22
Terminal shield
Installed behind the wiring screws of the
contact block to avoid electric shock.
PC
PA 2 SHIELD
Mounting ring Ø25mm (0.98”)
When the mounting hole is Ø25mm
(0.98”), it should be add to the panel.
FE
PA MR 25
Label frame
Hang it on the push button or pilot light,
for symbol or text explanation.
PC
10mm/0.39”
18mm/0.71”
PA LBF 11
PA LBF 18
Yellow protection ring
To protect button and to prevent strike or
mistaking operation.
ABS
Rubber
Ø40mm/Ø1.57”
Ø60mm/Ø2.36”
PA YPR 4
PA YPR 6
Panel hole cap Ø22mm (0.87”)
For blocking up prepared or useless holes
on the panels.
ABS
PA PHC 22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com