Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFR6015 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 10Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 11Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
Range
1029.900 to 1030.100 MHz
Resolution
1 kHz
Accuracy
± 10 kHz
T
TC
CA
AS
S B
BR
RO
OA
AD
DC
CA
AS
ST
T IIN
NT
TE
ER
RV
VA
AL
L
Range
1.0 to 12.0 sec
Resolution
0.1 sec
Accuracy
± 0.2 sec
M
MIIS
SC
CE
EL
LL
LA
AN
NE
EO
OU
US
S IIN
NP
PU
UT
T/
/O
OU
UT
TP
PU
UT
TS
S
RF I/O
Type
Input/Output
Impedance
50
Ω typical
Maximum Input Level
4 kW peak
10 W average
VSWR
< 1.3:1
ANTENNA
Type
Input/Output
Impedance
50
Ω typical
Maximum Input Level
10 W peak
1/2 W average
VIDEO
Type
Output
Impedance
50
Ω typical
Generate Video Level
1.1 ± 0.4V peak to peak into 50
Ω
Receive Video Level
Proportional to IF level
Baseline
± 0.5V referenced to ground
T
TE
ES
ST
T A
AN
NT
TE
EN
NN
NA
A
VSWR
< 1.5:1
Gain
6 dB, Typical
T
TIIM
ME
E B
BA
AS
SE
E ((T
TC
CX
XO
O))
Temperature Stability
± 1 ppm
Aging
± 1 ppm per year
Accuracy
± 1 ppm
Test Limit
± 0.3 ppm
B
BA
AT
TT
TE
ER
RY
Y
Type
Li Ion
Duration
> 4 hrs continuous operation
> 6 hrs, Typical
IIN
NP
PU
UT
T P
PO
OW
WE
ER
R ((T
TE
ES
ST
T S
SE
ET
T))
Input Range
11 VDC to 32 VDC
Power Consumption
55 W Maximum
16 W Nominal at 18 VDC with charged battery
Fuse Requirements
5 A, 32 VDC, Type F
IIN
NP
PU
UT
T P
PO
OW
WE
ER
R ((S
SU
UP
PP
PL
LIIE
ED
D E
EX
XT
TE
ER
RN
NA
AL
L A
AC
C T
TO
O D
DC
C
C
CO
ON
NV
VE
ER
RT
TE
ER
R))
Input Range
100 to 250 VAC, 1.5 A Max, 47-63 Hz
Mains Supply Voltage Fluctuations
≤ 10% of the nominal voltage
Transient Overvoltages
According to Installation Category II
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L ((T
TE
ES
ST
T S
SE
ET
T))
Use
Pollution Degree 2
Altitude
≤ 4800 meters
Operating Temperature
NOTE 3 -20°C to 55°C
Storage Temperature
NOTE 4 -30°C to 71°C
Relative Humidity
95% ±5% from 5° to 30°C
75% ±5% from 30° to 40°C
45% ±5% from 40° to 55°C
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L ((S
SU
UP
PP
PL
LIIE
ED
D E
EX
XT
TE
ER
RN
NA
AL
L A
AC
C T
TO
O D
DC
C
C
CO
ON
NV
VE
ER
RT
TE
ER
R))
Use
Indoors
Altitude
≤ 10,000 meters
Operating Temperature
0° to 40°C
Storage Temperature
-20°C to 71°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com