Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640FCB Datasheet(PDF) 45 Page - Numonyx B.V

Part # M28W640FCB
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640FCB Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M28W640FCB Datasheet HTML 41Page - Numonyx B.V M28W640FCB Datasheet HTML 42Page - Numonyx B.V M28W640FCB Datasheet HTML 43Page - Numonyx B.V M28W640FCB Datasheet HTML 44Page - Numonyx B.V M28W640FCB Datasheet HTML 45Page - Numonyx B.V M28W640FCB Datasheet HTML 46Page - Numonyx B.V M28W640FCB Datasheet HTML 47Page - Numonyx B.V M28W640FCB Datasheet HTML 48Page - Numonyx B.V M28W640FCB Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
M28W320FCT, M28W320FCB
Part numbering
45/69
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of
available options (Speed, Package, etc.) or for further information on any aspect of this
device, please contact the Numonyx Sales Office nearest to you.
Table 23.
Daisy Chain Ordering Scheme
Example:M28W320FC
-ZB
E
Device Type
M28W320FC
Daisy Chain
-ZB = TFBGA47: 6.39 x 6.37mm, 0.75 mm pitch
Option
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel 24mm Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com