Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL1606C Datasheet(PDF) 1 Page - International Rectifier

Part # IRL1606C
Description  GLASS PASSIVATED SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1606C Datasheet(HTML) 1 Page - International Rectifier

  IRL1606C Datasheet HTML 1Page - International Rectifier IRL1606C Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low power loss, high efficiency
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: ITO-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
* Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
IRL1601C
THRU
IRL1606C
ITO-220
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1.Case Temperature Measured at Metal Tab.
2.Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
3.Suffix “ A “ = Common Anode.
2002-11
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
TC = 100
oC (Note 1)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
16.0
3.0
40
-55 to + 150
Amps
pF
0 C
UNITS
50
200
400
600
100
IRL1601C
Typical Thermal Resistance
R
θ JC
200
IRL1602C IRL1603C IRL1604C IRL1605C IRL1606C
800
50
200
400
600
100
800
35
140
280
420
70
560
0C/ W
at Rated DC Blocking Voltage
100
uAmps
Maximum DC Reverse Current
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
10
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
@TC = 25
oC
@TC = 100
oC
IRL1601C IRL1602C IRL1603C IRL1604C IRL1605C IRL1606C
.138(3.5)
.406(10.3)
.114(2.9)
.055(1.4)
.382(9.7)
.098(2.5)
.039(1.0)
.169(4.3)
.110(2.8)
.602(15.3)
.035(0.9)
.108(2.75)
.091(2.30)
.020(0.5)
.579(14.7)
.031(0.8)
.016 (0.4)
.185(4.7)
.122(3.1)
.154 (3.9)
.138 (3.5)
.071(1.8)
.055(1.4)
.531(13.5)
.492(12.5)
.114(2.9)
.098(2.5)
.134(3.4)


Similar Part No. - IRL1606C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
IRL1606C RECTRON-IRL1606C Datasheet
29Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
More results

Similar Description - IRL1606C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com