Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAM7W2PN Datasheet(PDF) 1 Page - ITT Industries

Part # DAM7W2PN
Description  Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAM7W2PN Datasheet(HTML) 1 Page - ITT Industries

  DAM7W2PN Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DAM7W2PN
Our Catalog Part Number: DAM-7W2P-N
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
Product Datasheet
General
Combo D Series: D-Subminiature offering mixed
layouts
Wire Gauge Range AWG
AWG 8-26
Mating Cycles
50
Contact Arrangement
7W2 (5 contacts size 20, 2 empty size 8 cavities)
Dielectric Withstanding Voltage
500 VAC at sea level
Current Rating Signal Contacts
7.5 max
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Pin
Contact Type
Straight PCB US footprint
Contact Material
copper alloy
Contact Finish
gold flash (Performance Class 3)
Mounting Method
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DAM7W2PN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DAM7W2PNMBK52 ITT-DAM7W2PNMBK52 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM7W2PNMBK52 ITT-DAM7W2PNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DAM7W2PN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DAM11W1S ITT-DAM11W1S Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBU-25P-K87-F0 ITT-DBU-25P-K87-F0 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
List of Unclassifed Man...
DAM11W1P ETC2-DAM11W1P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBM-25P ETC2-DBM-25P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DBMC-13X3SJ-K126 ETC2-DBMC-13X3SJ-K126 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCM17W5S ETC2-DCM17W5S Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCM-37P-P ETC2-DCM-37P-P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DCMM8W8PK87 ETC2-DCMM8W8PK87 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCU-37P ETC2-DCU-37P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
DEMM-9SE ETC2-DEMM-9SE Datasheet
36Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com