Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7219C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7219C/D
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7219C/D Datasheet HTML 5Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 6Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 7Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 8Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 9Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 10Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 11Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 12Page - Maxim Integrated Products MAX7219C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Scan-Limit Register
The scan-limit register sets how many digits are dis-
played, from 1 to 8. They are displayed in a multiplexed
manner with a typical display scan rate of 800Hz with 8
digits displayed. If fewer digits are displayed, the scan
rate is 8fOSC/N, where N is the number of digits
scanned. Since the number of scanned digits affects
the display brightness, the scan-limit register should
not be used to blank portions of the display (such as
leading zero suppression). Table 8 lists the scan-limit
register format.
Serially Interfaced, 8-Digit LED Display Drivers
_______________________________________________________________________________________
9
Table 7. Intensity Register Format (Address (Hex) = 0xXA)
DUTY CYCLE
MAX7221
MAX7219
D6
D7
D4
D2
D3
D0
D5
D1
HEX
CODE
1/16
(min on)
1/32
(min on)
X
X
X
X
0
0
0
0
0xX0
2/16
3/32
X
X
X
X
0
0
1
0
0xX1
3/16
5/32
X
X
X
X
0
0
0
1
0xX2
4/16
7/32
X
X
X
X
0
0
1
1
0xX3
5/16
9/32
X
X
X
X
1
0
0
0
0xX4
6/16
11/32
X
X
X
X
1
0
1
0
0xX5
7/16
13/32
X
X
X
X
1
0
0
1
0xX6
X
8/16
15/32
X
X
X
X
1
0
1
1
0xX7
9/16
17/32
X
X
X
X
0
1
0
0
0xX8
10/16
19/32
X
X
X
X
0
1
1
0
0xX9
11/16
21/32
X
X
X
X
0
1
0
1
0xXA
12/16
23/32
X
X
X
X
0
1
1
1
0xXB
13/16
25/32
X
X
X
X
1
1
0
0
0xXC
14/16
27/32
X
X
X
X
1
1
1
0
0xXD
15/16
29/32
X
X
X
X
1
1
0
1
0xXE
15/16
(max on)
31/32
X
X
X
1
1
1
1
0xXF
Table 8. Scan-Limit Register Format (Address (Hex) = 0xXB)
X
X
Display digit 0 only*
Display digits 0 & 1*
X
X
X
D7
SCAN LIMIT
0xX1
X
0xX0
X
X
X
0
D6
D5
0
1
D4
D3
X
X
Display digits 0 1 2*
Display digits 0 1 2 3
X
X
X
X
0
0xX3
X
D2
HEX
CODE
0xX2
0
REGISTER DATA
0
X
X
X
D1
D0
0
1
1
X
0
1
0
X
X
Display digits 0 1 2 3 4
Display digits 0 1 2 3 4 5
X
X
X
0xX5
X
0xX4
X
X
X
1
0
1
X
X
Display digits 0 1 2 3 4 5 6
Display digits 0 1 2 3 4 5 6 7
X
X
X
X
1
0xX7
X
0xX6
0
0
X
X
X
1
1
1
X
1
1
0
*See Scan-Limit Register section for application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com