Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ9840 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ9840 Datasheet HTML 1Page - Monolithic Power Systems MPQ9840 Datasheet HTML 2Page - Monolithic Power Systems MPQ9840 Datasheet HTML 3Page - Monolithic Power Systems MPQ9840 Datasheet HTML 4Page - Monolithic Power Systems MPQ9840 Datasheet HTML 5Page - Monolithic Power Systems MPQ9840 Datasheet HTML 6Page - Monolithic Power Systems MPQ9840 Datasheet HTML 7Page - Monolithic Power Systems MPQ9840 Datasheet HTML 8Page - Monolithic Power Systems MPQ9840 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
5
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TJ =
+25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN quiescent current
IQ
VFB = 0.85V, no load, no
switching, TJ = +25°C
14
21
µA
VFB = 0.85V, no load, no switching
29
VIN shutdown current
ISHDN
VEN = 0V
2
6
µA
VIN under-voltage lockout
threshold rising
INUVRISING
2.4
2.8
3.2
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
150
mV
EN rising threshold
VEN_RISING
0.9
1.05
1.2
V
EN threshold hysteresis
VEN_HYS
120
mV
Feedback reference voltage
VREF
784
800
816
mV
TJ = 25°C
792
800
808
mV
HS switch on resistance
RON_HS
VBST - VSW = 5V
125
165
mΩ
LS switch on resistance
RON_LS
55
85
mΩ
Switching frequency
FSW
RFREQ = 180kΩ or from sync clock
400
475
550
kHz
RFREQ = 82kΩ or from sync clock
850
1000
1150
kHz
RFREQ = 27kΩ or from sync clock
2250
2500
2750
kHz
Minimum on time (6)
TON_MIN
80
ns
SYNC input low voltage
VSYNC_LOW
0.4
V
SYNC input high voltage
VSYNC_HIGH
1.8
V
Current limit
ILIMIT_HS
Duty cycle = 40%
4.6
5.6
7.4
A
Low-side valley current limit
ILIMIT_LS
VOUT = 3.3V, L = 4.7µH
3.1
4.4
5.7
A
ZCD current
IZCD
0.1
A
Reverse current limit
ILIMIT_REVERSE
3
A
Switch leakage current
ISW_LKG
0.01
1
µA
Soft-start current
ISS
VSS = 0.8V
5
10
15
µA
VCC regulator
VCC
5
V
VCC load regulation
ICC = 5mA
3.5
%
Thermal shutdown (6)
TSD
170
°C
Thermal shutdown hysteresis (6)
TSD_HYS
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com