Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-70CS Datasheet(PDF) 1 Page - Mueller Electric.

Part # BU-70CS
Description  Alligator Clips with Short Crimp Tails
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUELLER [Mueller Electric.]
Direct Link  www.muellerelectric.com
Logo MUELLER - Mueller Electric.

BU-70CS Datasheet(HTML) 1 Page - Mueller Electric.

  BU-70CS Datasheet HTML 1Page - Mueller Electric.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
2850 Gilchrist Rd. Bld 5A
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44305
Fax: 330.780.2524
BU-70 Series
(Alligator Clips with Short Crimp Tails)
• Mueller Electric’s BU-70 is an alligator clip with a short crimp tail.
Compatible with Mueller brand BU-72 series insulators.
• Overall length 1.67” (42.86mm), overall height 0.44” (11.1mm), maximum
jaw spread = 0.313” (7.9mm)
• Can connect to wire up to 16 AWG via crimp, solder, and screw connections
(depending on model).
• Ratings:
BU-70 / BU-70S
5 Amps
BU-70C / BU-70CS
10 Amps
• The BU-70 is sold under the following models:
BU-70
Nickel-plated steel clip, wire can be soldered or crimped
BU-70C
Solid copper BU-70
BU-70CS
Solid copper BU-30 with screw for wire connection
BU-70S
BU-70 with screw for wire connection
BU-70C-EZZZ
BU-70C with tapped hole for screw (not included)
• RoHS 3 compliant


Similar Part No. - BU-70CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-70CS ETC2-BU-70CS Datasheet
53Kb / 1P
Alligator Clip with Screw
More results

Similar Description - BU-70CS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
Choose the size of alligator clips
logo
Pomona Electronics
4531 POMONA-4531 Datasheet
28Kb / 1P
BNC (Male) With Strain Relief To Alligator Clips
logo
Pasternack Enterprises,...
PE9950 PASTERNACK-PE9950 Datasheet
116Kb / 1P
BREAKOUT, CRIMP ON FOR RG58, STANDARD ALLIGATOR CLIPS
PE9951 PASTERNACK-PE9951 Datasheet
116Kb / 1P
BREAKOUT, CRIMP ON FOR RG58, MINIATURE ALLIGATOR CLIPS
PE9959 PASTERNACK-PE9959 Datasheet
90Kb / 1P
BREAKOUT, CRIMP ON FOR RG59, STANDARD ALLIGATOR CLIPS
PE9960 PASTERNACK-PE9960 Datasheet
89Kb / 1P
BREAKOUT, CRIMP ON FOR RG59, MINIATURE ALLIGATOR CLIPS
logo
List of Unclassifed Man...
BU-72-0 ETC2-BU-72-0 Datasheet
1Mb / 1P
Insulator for Alligator Clips
BU-P2240-0 ETC2-BU-P2240-0 Datasheet
650Kb / 1P
ALLIGATOR CLIPS AND INSULATORS
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
Alligator Clips
logo
List of Unclassifed Man...
BU-72 ETC2-BU-72 Datasheet
168Kb / 1P
Insulator for BU??0 Series Alligator Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com