Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSG03302 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG03302
Description  Cat6 RJ45 Ethernet Patch Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG03302 Datasheet(HTML) 1 Page - Pro-Signal

  PSG03302 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
20/08/21
Cat6 RJ45 Ethernet Patch Lead
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Length
Part Number
Cat6 RJ45 Ethernet Patch Lead
0.5m
PSG03301
1m
PSG03302
2m
PSG03303
3m
PSG03304..
5m
PSG03305
10m
PSG03306
15m
PSG03307
20m
PSG03308
30m
PSG03309
40m
PSG03310
Specifications
LAN Category
: Cat6
Connector to Connector
: RJ45 Plug to RJ45 Plug
Jacket Colour
: Black
Insulation Resistance
: DC 300V 3MΩ
Contractor Resistance
: 30Ω
Diagram
Item Part Name
Description
Qty.
1
8P8C Plug
RJ45 8P8C Plug, Cat6 UTP Pin Gold Fu", Circle Type
2
2
PVC
75A PVC, Colour: Black
2
3
Cable
Cat6 7/0.18 BC×4P UTP Jacket: PVC/Black OD: 5.8mm ±0.2mm
1


Similar Part No. - PSG03302

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG03304 PROSIGNAL-PSG03304 Datasheet
222Kb / 1P
RJ45 Ethernet Patch Cord Cat6
V1.0 23/05/22
More results

Similar Description - PSG03302

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N252012 TRIPPLITE-N252012 Datasheet
475Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252024HU TRIPPLITE-N252024HU Datasheet
480Kb / 2P
24-Port 0.5U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252048 TRIPPLITE-N252048 Datasheet
490Kb / 2P
48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N252-024-HU TRIPPLITE-N252-024-HU Datasheet
157Kb / 2P
24-Port 0.5U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-048 TRIPPLITE-N252-048 Datasheet
159Kb / 2P
48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
logo
PHOENIX CONTACT
1658118 PHOENIX-1658118 Datasheet
55Kb / 2P
Patch panels - VS-PP-F-RJ45-CAT6
logo
Tripp Lite. All Rights ...
N252-024-SH-K TRIPPLITE-N252-024-SH-K Datasheet
159Kb / 2P
Cat5e/Cat6 24-Port Patch Panel - Shielded, Krone IDC, 568B, RJ45 Ethernet, 1U, TAA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com