Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2932 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2932_04 Datasheet HTML 1Page - STMicroelectronics SD2932_04 Datasheet HTML 2Page - STMicroelectronics SD2932_04 Datasheet HTML 3Page - STMicroelectronics SD2932_04 Datasheet HTML 4Page - STMicroelectronics SD2932_04 Datasheet HTML 5Page - STMicroelectronics SD2932_04 Datasheet HTML 6Page - STMicroelectronics SD2932_04 Datasheet HTML 7Page - STMicroelectronics SD2932_04 Datasheet HTML 8Page - STMicroelectronics SD2932_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SD2932
2/12
ELECTRICAL SPECIFICATION (TCASE = 25
°C)
STATIC (Per Section)
DYNAMIC
IMPEDANCE DATA
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
IDS = 100 mA
125
V
IDSS
VGS = 0 V
VDS = 50 V
50
µA
IGSS
VGS = 20 V
VDS = 0 V
250
nA
VGS(Q)
VDS = 10 V
ID = 250 mA
1.5
4
V
VDS(ON)
VGS = 10 V
ID = 10 A
3V
GFS
VDS = 10 V
ID = 5 A
5mho
CISS
VGS = 0 V
VDS = 50 V
f = 1 MHz
480
pF
COSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
190
pF
CRSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
18
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 50 V
IDQ = 500 mA
f = 175 MHz
300
W
GPS
VDD = 50 V
IDQ = 500 mA POUT = 300 W
f = 175 MHz
15
16
dB
ηD
VDD = 50 V
IDQ = 500 mA POUT = 300 W
f = 175 MHz
50
60
%
Load
Mismatch
VDD = 50 V
IDQ = 500 mA POUT = 300 W
f = 175 MHz
All Phase Angles
5:1
VSWR
Typical Drain
Load Impedance
Typical Input
Impedance
G
Zin
ZDL
D
S
FREQ
ZIN (Ω)ZDL (Ω)
175 MHz
0.92 - j 0.14
3.17 + j 4.34
Measured Gate to Gate and Drain to Drain, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com