Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5331 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5331
Description  Micro-Power High Performance Dual 300mA ULDO?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5331 Datasheet HTML 2Page - Micrel Semiconductor MIC5331 Datasheet HTML 3Page - Micrel Semiconductor MIC5331 Datasheet HTML 4Page - Micrel Semiconductor MIC5331 Datasheet HTML 5Page - Micrel Semiconductor MIC5331 Datasheet HTML 6Page - Micrel Semiconductor MIC5331 Datasheet HTML 7Page - Micrel Semiconductor MIC5331 Datasheet HTML 8Page - Micrel Semiconductor MIC5331 Datasheet HTML 9Page - Micrel Semiconductor MIC5331 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC5331
February 2008
8
M9999-021408-A
MIC5331 Typical Application Circuit
VIN
GND
VOUT1
NC
U1
MIC5331-xxYMT
NC
EN1
VOUT2
EN2
R3
10k
VIN
C1
1µF
C2
1µF
C3
1µF
J1
VIN
J4
EN2
J5
EN1
J2
GND
J6
VOUT1
J7
GND
J8
VOUT2
1
3
5
2
4
8
7
6
R2
10k
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1, C2, C3
C1608X5R0J105K
TDK
(1)
Capacitor, 1µF Ceramic, 6.3V, X5R, Size 0603
3
R2, R3
CRCW06031002FKEYE3
Vishay
(2)
Resistor, 10kΩ, 1%, 1/16W, Size 0603
2
U1
MIC5331-XXYMT
Micrel
(3)
UCAP Dual 300mA LDO, Size 2mm x 2mm Thin MLF
®
1
Notes:
1.
TDK: www.tdk.com
2.
Vishay: www.vishay.com
3.
Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com