Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDTM-660-RTR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDTM-660-RTR
Description  SMD Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDTM-660-RTR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDTM-660-RTR Datasheet HTML 1Page - Bourns Electronic Solutions SDTM-660-RTR Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SDTM Series SMD Tact Switch
Electrical Characteristics
Electrical Life
.................50,000 cycles min. for 260 g
500,000 cycles min. for 100 g, 160 g
Rating ............................DC 12 V, 50 mA
Contact Resistance .....100 mohms max.
Insulation Resistance ..100 Mohms min.,
DC 500 V min.
Dielectric Strength
...........................AC 250 V for 1 minute
Contact Arrangement ...1 pole 1 position
Environmental Characteristics
Operation Force .......100 g, 160 g, 260 g
Tolerance .....................................±50 g
Stop Strength ..Place the switch vertical,
a static load of 3 kg shall be
applied in the direction of actuator
operation for a period of 15 seconds
Stroke .......0.25 mm (+0.2 mm, -0.1 mm)
Temperature Range......-25 °C to +70 °C
Vibration Test .................MIL-STD-202F,
Method 201A
Frequency ............10-50-10Hz/1minute
Directions..............X,Y,Z 3 mutually per
pendicular directions
Time..................2 hours each direction,
high reliability
Shock Test .....................MIL-STD-202F,
Method 213A, Condition A
Gravity .......50 g (peak value), 11 msec.
Directions/Time ......6 sides and 3 times
in each direction
Physical Characteristics
Cover Materials ..............Steel, tin plated
Base Materials .......Thermoplastic Nylon
FG 101, UL94V-0
Actuator Materials ............Thermoplastic
Nylon UL94V-0
Color .........................Black, brown, red
Contact Disc. Materials ...........Phosphor
bronze with silver cladding
Terminal Materials ........Brass with silver
cladding
Features
Available sharp click feel with a positive
tactile feedback
Ultra-miniature and lightweight structure
suitable for high density mounting
Very economical with high reliability
RoHS compliant*
Insert molding in the contact with special
treatment prevents flux buildup during
soldering and permits autodipping
SDTM-610/620/630/650/660
4.30
(.169)
6.20
(.244)
3.50
(.138)
DIA.
3.50
(.138)
0.50
(.020)
MAX.
0°-4°
0.70
(.028)
0.200 ± 0.10
(.008 ± .004)
9.0 ± 0.2
(.354 ± .008)
CL
CL
CL
H ± 0.20
(H ± .008)
4.50 ± 0.20
(.177 ± .008)
T1
T2
T4
T3
Product Dimensions
DIMENSIONS:
MM
(IN)
TOLERANCES:
EXCEPT WHERE NOTED.
0.2
(.008)
SDTM-644/648
4.30
(.169)
6.20
(.244)
SDTM-644:
0.70
(.028)
CL
CL
2.4
(.095)
DIA.
3.50
(.138)
0.50
(.020)
MAX.
0°-4°
0.200 ± 0.10
(.008 ± .004)
9.0 ± 0.2
(.354 ± .008)
CL
7.30
(.287)
4.50 ± 0.20
(.177 ± .008)
SDTM-648:
2.8
(.110)
DIA.
T1
T2
T4
T3
9.50
(.374)
4.50
(.177)
1.30
(.051)
RECOMMENDED PCB LAYOUT
6.40
(.252)
T1
T2
T4
T3
How To Order
SDT M - 6 10 - K TR
Model
Product Code
M = SMD
Size
6 = 6 mm
Height
10 = 4.3 mm
20 = 5.0 mm
30 = 7.0 mm
44 = 7.3 mm (square head)
48 = 7.3 mm (square head)
50 = 9.5 mm
60 = 13 mm
Actuating Force
K = 100 g (black head)
N = 160 g (brown head)
R = 260 g (red head)
S = 320 g (salmon head)
Y = 520 g (yellow head)
Packaging Option
TR = Embossed tape*
610 = 1000 pcs.
620 = 900 pcs.
630 = 700 pcs.
644, 648 = 500 pcs.
650 = 380 pcs.
__ = Tube
All models = 77 pcs.
*not applicable to Model 660.
T1
T2
T4
T3
CIRCUIT DIAGRAM
The SDTM Series is currently available,
although not recommended for new
designs.


Similar Part No. - SDTM-660-RTR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDTM-620-N BOURNS-SDTM-620-N Datasheet
1Mb / 6P
BOURNS OFFERS OVER 35 ASSORTED KITS
More results

Similar Description - SDTM-660-RTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSS-TD-26EA ETC1-TSS-TD-26EA Datasheet
149Kb / 1P
TACT SWITCH
logo
Bourns Electronic Solut...
STJN-4 BOURNS-STJN-4 Datasheet
166Kb / 1P
SMD Super-Thin Tact Switch
STJN-5 BOURNS-STJN-5 Datasheet
148Kb / 1P
SMD Thin Tact Switch
STSS BOURNS-STSS Datasheet
215Kb / 2P
SMD 4 mm Sealed Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com