Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W160ECT100N1 Datasheet(PDF) 8 Page - Numonyx B.V

Part # M28W160ECT100N1
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160ECT100N1 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M28W160ECT100N1 Datasheet HTML 4Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 5Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 6Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 7Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 8Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 9Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 10Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 11Page - Numonyx B.V M28W160ECT100N1 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
M28W160ECT, M28W160ECB
8/50
Figure 6. Security Block and Protection Register Memory Map
AI03523
Parameter Block # 0
User Programmable OTP
Unique device number
Protection Register Lock
2
1
0
88h
85h
84h
81h
80h
SECURITY BLOCK
PROTECTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com