Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF002 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF002_03 Datasheet HTML 8Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 9Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 10Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 11Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 12Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 13Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 14Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 15Page - Micrel Semiconductor MICRF002_03 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
March 2003
13
MICRF002/RF022
MICRF002/RF022
Micrel
CAGC Pin
VDDBB
VSSBB
675µA
67.5µA
Compa-
rator
1.5µA
15µA
Timout
CAGC
Figure 3. CAGC Pin
Figure 3 illustrates the CAGC pin interface circuit. The AGC
control voltage is developed as an integrated current into a
capacitor C
AGC. The attack current is nominally 15µA, while
the decay current is a 1/10th scaling of this, nominally 1.5
µA,
making the attack/decay time constant ratio a fixed 10:1.
Signal gain of the RF/IF strip inside the IC diminishes as the
voltage at CAGC decreases. Modification of the attack/decay
ratio is possible by adding resistance from the CAGC pin to
either V
DDBB or VSSBB, as desired.
Both the push and pull current sources are disabled during
shutdown, which maintains the voltage across C
AGC, and
improves recovery time in duty-cycled applications. To fur-
ther improve duty-cycle recovery, both push and pull currents
are increased by 45 times for approximately 10ms after
release of the SHUT pin. This allows rapid recovery of any
voltage droop on C
AGC while in shutdown.
DO and WAKEB Pins
VDDBB
VSSBB
Compa-
rator
10µA
10µA
DO
Figure 4. DO and WAKEB Pins
The output stage for DO (digital output) and WAKEB (wakeup
output) is shown in Figure 4. The output is a 10
µA push and
10
µA pull switched-current stage. This output stage is ca-
pable of driving CMOS loads. An external buffer-driver is
recommended for driving high-capacitance loads.
REFOSC Pin
250
Ω
200k
Active
Bias
REFOSC
30pF
30pF
30µA
VDDBB
VSSBB
VSSBB
Figure 5. REFOSC Pin
The REFOSC input circuit is shown in Figure 5. Input imped-
ance is high (200k
Ω). This is a Colpitts oscillator with internal
30pF capacitors. This input is intended to work with standard
ceramic resonators connected from this pin to the VSSBB
pin, although a crystal may be used when greater frequency
accuracy is required. The nominal dc bias voltage on this pin
is 1.4V.
SEL0, SEL1, SWEN, and SHUT Pins
to Internal
Circuits
VDDBB
VSSBB
SEL0,
SEL1,
SWEN
Q2
Q3
Q1
VSSBB
SHUT
Q4
Figure 6a. SEL0, SEL1, SWEN
to Internal
Circuits
VDDBB
VSSBB
SHUT
Q2
Q3
Q1
VSSBB
Figure 6b. SHUT
Control input circuitry is shown in Figures 6a and 6b. The
standard input is a logic inverter constructed with minimum
geometry MOSFETs (Q2, Q3). P-channel MOSFET Q1 is a
large channel length device which functions essentially as a
“weak” pullup to VDDBB. Typical pullup current is 5
µA,
leading to an impedance to the VDDBB supply of typically
1M
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com