Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8204048 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8204048
Description  Guide unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8204048 Datasheet(HTML) 1 Page - Festo Corporation.

  8204048 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Guide unit
FEN-20-125-GF
Part number: 8204048
General operating condition
Data sheet
Feature
Value
Size
20
Stroke
125 mm
Mounting position
Any
Guide
Sliding guide
Structural design
Guide
Explosion prevention and protection
Observe the information on the certificate
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
-20 °C ... 80 °C
Displacement force
15 N
Moving mass
419 g
Product weight
1023 g
Type of mounting
With internal thread
Note on materials
RoHS-compliant
Material of guide component
High-alloy steel
Housing material
Wrought aluminum alloy, anodized
Material of yoke plate
Wrought aluminum alloy, anodized
3/24/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8204048

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8204040 FESTO-8204040 Datasheet
64Kb / 1P
Guide unit
8204041 FESTO-8204041 Datasheet
69Kb / 1P
Guide unit
8204042 FESTO-8204042 Datasheet
68Kb / 1P
Guide unit
8204043 FESTO-8204043 Datasheet
66Kb / 1P
Guide unit
8204044 FESTO-8204044 Datasheet
66Kb / 1P
Guide unit
More results

Similar Description - 8204048

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
Product Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
User Guide
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
Selector Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
USER GUIDE
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
Implementation Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
USER GUIDE
Jan-2004
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
logo
Lapp.
11281000 LAPP-11281000 Datasheet
77Kb / 1P
EPIC® GUIDE PIN/GUIDE SOCKET
29.08.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com