Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HC Datasheet(PDF) 73 Page - Numonyx B.V

Part # M58LR128HC
Description  128 Mbit (x16, Mux I/O, Multiple Bank, Multilevel interface, Burst)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128HC Datasheet(HTML) 73 Page - Numonyx B.V

Back Button M58LR128HC Datasheet HTML 69Page - Numonyx B.V M58LR128HC Datasheet HTML 70Page - Numonyx B.V M58LR128HC Datasheet HTML 71Page - Numonyx B.V M58LR128HC Datasheet HTML 72Page - Numonyx B.V M58LR128HC Datasheet HTML 73Page - Numonyx B.V M58LR128HC Datasheet HTML 74Page - Numonyx B.V M58LR128HC Datasheet HTML 75Page - Numonyx B.V M58LR128HC Datasheet HTML 76Page - Numonyx B.V M58LR128HC Datasheet HTML 77Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
M58LR128HC, M58LR128HD
Package mechanical
73/114
Table 28.
VFBGA44 7.7x9mm - 10x4 ball array, 0.50mm pitch, package mechanical
data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.00
0.039
A1
0.15
0.006
A2
0.66
0.026
b
0.32
0.27
0.37
0.013
0.011
0.015
D
7.70
7.60
7.80
0.303
0.299
0.307
D1
4.50
0.177
D2
6.50
0.256
ddd
0.08
0.003
E
9.00
8.90
9.10
0.354
0.350
0.358
E1
1.50
0.059
E2
3.50
0.138
e
0.50
–
–
0.020
–
–
FD
1.60
0.063
FD1
0.60
0.024
FE
3.75
0.148
FE1
2.75
0.108
SD
0.25
–
–
0.010
–
–
SE
0.25
–
–
0.010
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com