Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM431 Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # NJM431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM431 Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  NJM431 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM431 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM431 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM431 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NJM431
- 1 -
Ver.2025-02-18
NJM431D is the NRND product.
ADJUSTABLE PRECISION SHUNT REGULATOR
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM431 is a 3 terminal adjustable shunt regulator. The output
voltage may be set to any value between VREF (about 2.5V) and 36V
by two resistors. Output circuitry shows a sharp turn-on characteristics.
Applications include shunt regulators, series regulators for small
power and isolation regulators with photo couplers.
■ FEATURES
• Operating Voltage (VKA = VREF to 36V)
• Fast Turn-On Response
• Cathode Current (1mA to 100mA)
• Low Dynamic Output Impedance
(0.2Ωtyp.)
• Load Regulation typically (0.1%)
• Package Outline DIP8, DMP8, SOT-89
• Bipolar Technology
Parameter
Product
MIN.
TYP.
MAX.
UNIT
Reference Voltage
NJM431M
2440
2495
2550
mV
NJM431U
NJM431U-A
2470
2495
2520
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT
NJM431U
NJM431U-A
NJM431D
NJM431M
NJM431D (DIP8)
NJM431M (DMP8)
NJM431U (SOT-89)
NJM431U-A (SOT-89)
NRND


Similar Part No. - NJM431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
NJM431 ETC2-NJM431 Datasheet
180Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
176Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
NJM431D NJRC-NJM431D Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
NJM431D ETC2-NJM431D Datasheet
180Kb / 4P
ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - NJM431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com