Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSGJK Datasheet(PDF) 1 Page - TUK Ltd

Part # WSGJK
Description  IP Rated Category 6A Panel Mountable Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

WSGJK Datasheet(HTML) 1 Page - TUK Ltd

  WSGJK Datasheet HTML 1Page - TUK Ltd WSGJK Datasheet HTML 2Page - TUK Ltd WSGJK Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IP Rated Category 6A Panel Mountable Socket
IP Rated Category 6A Panel Mountable Socket (WSGJK)
An IP68 rated Category 6A socket that is designed to be mounted onto panels of virtually any thickness.
Suitable for use with a standard patch cord, it is robust, fire retardant and suitable for any environment
where dust and moisture are a concern.
Features:
•
Compatible with Category 5e, Category 6 and Category 6A connections
•
Fully compliant with Category 6A standards
•
Designed to withstand a minimum 250 inserts
•
IP68 rated on the socket side (i.e. dust tight and can be immersed for up to 30 minutes in water up to 1m
depth).
•
Screw in plug adaptor allows for the use of conventional patch leads and also reduces the risk of
accidental disconnections.
•
No unnecessary twisting of the connection, when used with a suitable cut-out.
Specifications:
•
Net weight (incl. packaging): 56g
•
Dimensions (incl. packaging): 110 x 55 x 50 mm
•
Colour: Black housing, orange washer and silver socket


Similar Part No. - WSGJK

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSG02N20 WIINSOK-WSG02N20 Datasheet
714Kb / 5P
N-Ch MOSFET
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSG03N10 WIINSOK-WSG03N10 Datasheet
742Kb / 5P
N-Ch MOSFET
logo
Zowie Technology Corpor...
WSGC10DH ZOWIE-WSGC10DH Datasheet
303Kb / 2P
Rectifier Diode
WSGC10GH ZOWIE-WSGC10GH Datasheet
303Kb / 2P
Rectifier Diode
More results

Similar Description - WSGJK

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C6AFTPSRW HUBBELL-PREMISE_C6AFTPSRW Datasheet
231Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSRGY HUBBELL-PREMISE_C6AFTPSRGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
PREMISE_C6AFTPSPGY HUBBELL-PREMISE_C6AFTPSPGY Datasheet
233Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
HJ6AB HUBBELL-HJ6AB Datasheet
300Kb / 1P
Ascent Category 6A Jack
HJ6AEI25 HUBBELL-HJ6AEI25 Datasheet
295Kb / 1P
Ascent Category 6A Jack
HJ6AGL25 HUBBELL-HJ6AGL25 Datasheet
288Kb / 1P
Ascent Category 6A Jack
HJ6AGN HUBBELL-HJ6AGN Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AGN25 HUBBELL-HJ6AGN25 Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AOR HUBBELL-HJ6AOR Datasheet
285Kb / 1P
Ascent Category 6A Jack
HJ6AY HUBBELL-HJ6AY Datasheet
294Kb / 1P
Ascent Category 6A Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com