Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8260 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8260
Description  UPM Timing Diagram
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8260 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8260 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Freescale Semiconductor
Application Note
© Freescale Semiconductor, Inc., 1999, 2006. All rights reserved.
The three user-programmable machine (UPMs) of the
MPC8260 PowerQUICC™ II integrated communications
processor are flexible interfaces that connect to a wide range
of memory devices. At the heart of each UPM is an
internal-memory RAM array that specifies the logical value
driven on the external memory controller pins for a given
clock cycle.
This application note presents a series of timing diagrams for
several UPM usage scenarios. All the timing diagrams are
based on simulations and are for the 60x bus. Timing for the
local bus is basically the same as for the 60x bus, except that
there are no PSDVAL and TA signals to indicate the
termination of the memory cycle. Also, the local bus has its
own signals:
Local address bus
Local data bus
•LBS
•LGPLx
Local address pins are multiplexed with PCI signals. To
select the local bus function of these pins, configure the
HRCW[L2CPC] bits to 00 during configuration or program
them to 00 after configuration. Because of the similarity of
the timing for the 60x and local buses, refer to the 60x bus
timing diagrams for local bus timings.
Document Number: AN2179
Rev. 2, 07/2006
Contents
1 UPM Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
2 UPM Timings. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3UPM ARTRY Cycle . . . . . . . . . . . . . . . . . . . . . . . . . .12
4 UPM Read-Modify-Write Cycle . . . . . . . . . . . . . . . . .14
MPC8260 UPM Timing Diagram


Similar Part No. - MPC8260

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8260 MOTOROLA-MPC8260 Datasheet
662Kb / 48P
MPC826xA (HiP4) Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
PowerQUICC??II Integrated Communications Processor Hardware Specifications
logo
Motorola, Inc
MPC8260ACVR MOTOROLA-MPC8260ACVR Datasheet
662Kb / 48P
MPC826xA (HiP4) Family Hardware Specifications
MPC8260ACZU MOTOROLA-MPC8260ACZU Datasheet
662Kb / 48P
MPC826xA (HiP4) Family Hardware Specifications
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
MPC826xA (HiP4) Family Hardware Specifications
More results

Similar Description - MPC8260

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CX-6840 SAMSUNG-CX-6840 Datasheet
2Mb / 10P
SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
KX-T2365SU ETC1-KX-T2365SU Datasheet
198Kb / 2P
SCHEMATIC DIAGRAM
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
BLOCK DIAGRAM
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
BONDING DIAGRAM
logo
Siemens Semiconductor G...
BSM35GD120DN2E3224 SIEMENS-BSM35GD120DN2E3224 Datasheet
56Kb / 1P
Circuit Diagram
logo
Rhombus Industries Inc.
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
SCHEMATIC DIAGRAM
5/01/01
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
MCU Block Diagram
logo
Rhombus Industries Inc.
T-531 RHOMBUS-IND-T-531 Datasheet
28Kb / 1P
SCHEMATIC DIAGRAM
12/01/00
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
14A1-RU ETC-14A1-RU Datasheet
1Mb / 7P
SCHEMATIC DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com