Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR001LE Datasheet(PDF) 97 Page - Numonyx B.V

Part # M58PR001LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE Datasheet(HTML) 97 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 93Page - Numonyx B.V M58PR001LE Datasheet HTML 94Page - Numonyx B.V M58PR001LE Datasheet HTML 95Page - Numonyx B.V M58PR001LE Datasheet HTML 96Page - Numonyx B.V M58PR001LE Datasheet HTML 97Page - Numonyx B.V M58PR001LE Datasheet HTML 98Page - Numonyx B.V M58PR001LE Datasheet HTML 99Page - Numonyx B.V M58PR001LE Datasheet HTML 100Page - Numonyx B.V M58PR001LE Datasheet HTML 101Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
M58PR512LE, M58PR001LE
Common flash interface
97/123
Table 42.
CFI query identification string
Offset
Sub-section name
Description
Value
000h
0020h
Manufacturer code
ST
001h
8819h
880Fh
Device code
M58PR512LE
M58PR001LE
512 Mbits
1Gbit
002h-
00Fh
Reserved
Reserved
010h
0051h
Query unique ASCII string "QRY"
"Q"
011h
0052h
"R"
012h
0059h
"Y"
013h
0000h
Primary algorithm command set and control interface
ID code 16 bit ID code defining a specific algorithm
014h
0002h
015h
offset = P = 000Ah
Address for primary algorithm extended query table
(see Table 45)
P = 10Ah
016h
0001h
017h
0000h
Alternate vendor command set and control interface
ID code second vendor - specified algorithm
supported
NA
018h
0000h
019h
value = A = 0000h
Address for alternate algorithm extended query table
NA
01Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com