Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR512LE96ZAD5 Datasheet(PDF) 21 Page - Numonyx B.V

Part # M58PR512LE96ZAD5
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE96ZAD5 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M58PR512LE96ZAD5 Datasheet HTML 17Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 18Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 19Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 20Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 21Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 22Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 23Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 24Page - Numonyx B.V M58PR512LE96ZAD5 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
M58PR512LE, M58PR001LE
Bus operations
21/123
3.5
Standby
Standby disables most of the internal circuitry allowing a substantial reduction of the current
consumption. The memory is in standby when Chip Enable and Reset are at VIH. The power
consumption is reduced to the standby level IDD3 and the outputs are set to high impedance,
independently from the Output Enable or Write Enable inputs. If Chip Enable switches to VIH
during a program or erase operation, the device enters Standby mode when finished.
3.6
Reset
During Reset mode the memory is deselected and the outputs are high impedance. The
memory is in Reset mode when Reset is at VIL. The power consumption is reduced to the
reset level, independently from the Chip Enable, Output Enable or Write Enable inputs. If
Reset is pulled to VSS during a Program or Erase, this operation is aborted and the memory
content is no longer valid.
3.7
Deep power-down (DPD)
The memory enters the deep power-down mode from the Standby mode (RP and E are de-
asserted, VIH) by setting ECR15 High (set to ‘1’) and asserting the DPD pin (these two
events can be done in any order).
The DPD pin polarity is determined by the value of ECR14 when:
●
ECR14 is cleared (‘0’) the DPD pin is active Low. The DPD pin is active Low by default.
●
ECR14 is set (‘1’), the DPD pin is active High.
While in DPD mode, the:
●
Values of the configuration register, enhanced configuration register, block lock bits,
and bank states are preserved.
●
Status register is reset to 80h.
If the status register contains errors before entering the DPD mode, the error bits are lost
after exiting DPD mode.
The device should not be put in deep power-down mode while a program, erase or suspend
operation is in progress, otherwise the operation aborts, and the memory contents are no
longer valid.
The deep power-down mode is exited tDPHEL after de-asserting the DPD pin. Upon exiting
the deep power-down mode, the memory reverts to standby mode.
If the RP pin is asserted while in DPD mode, the device exits DPD mode after tPHEL and
ECR15 is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com