Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064HT70ZB6F Datasheet(PDF) 57 Page - Numonyx B.V

Part # M58WR064HT70ZB6F
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT70ZB6F Datasheet(HTML) 57 Page - Numonyx B.V

Back Button M58WR064HT70ZB6F Datasheet HTML 53Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 54Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 55Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 56Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 57Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 58Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 59Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 60Page - Numonyx B.V M58WR064HT70ZB6F Datasheet HTML 61Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
M58WR064HT, M58WR064HB
DC and AC parameters
57/111
Figure 8.
AC Measurement Load Circuit
Table 19.
Capacitance(1)
1.
Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
8
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
AI06162
VDDQ
CL
CL includes JIG capacitance
16.7k
Ω
DEVICE
UNDER
TEST
0.1µF
VDD
0.1µF
VDDQ
16.7k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com