Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS862 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS862
Description  Rail-to-rail micropower BiCMOS comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS862 Datasheet(HTML) 3 Page - STMicroelectronics

  TS862 Datasheet HTML 1Page - STMicroelectronics TS862 Datasheet HTML 2Page - STMicroelectronics TS862 Datasheet HTML 3Page - STMicroelectronics TS862 Datasheet HTML 4Page - STMicroelectronics TS862 Datasheet HTML 5Page - STMicroelectronics TS862 Datasheet HTML 6Page - STMicroelectronics TS862 Datasheet HTML 7Page - STMicroelectronics TS862 Datasheet HTML 8Page - STMicroelectronics TS862 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TS861, TS862, TS864
Electrical characteristics
Doc ID 6422 Rev 3
3/19
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = 2.7 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
TS861/2/4
Tmin < T < Tmax
TS861/2/4A
Tmin < T < Tmax
3
3
15
18
7
10
mV
ΔVIO
Input offset voltage drift
6
μV/°C
IIO
Input offset current(1)
Tmin < T < Tmax
1150
300
pA
IIB
Input bias current(1)
Tmin < T < Tmax
1300
600
pA
VOH
High level output voltage
ISOURCE = 2.5 mA
Tmin < T < Tmax
2.35
2.15
2.45
V
VOL
Low level output voltage
ISINK =2.5 mA
Tmin < T < Tmax
0.2
0.35
0.45
V
AVD
Large signal voltage gain(2)
240
dB
CMR
Common mode rejection ratio
0 < VICM < 2.7 V
65
dB
SVR
Supply voltage rejection ratio
0 < VCC < 10 V
80
dB
ICC
Supply current per comparator
No load, output low
No load, output high
6
8
12
14
μA
TPLH
Propagation delay from output low to output high
VICM = 1.35 V, f = 10 kHz, CL =50pF
Overdrive = 10 mV
Overdrive = 100 mV
1.5
0.6
µs
TPHL
Propagation delay from output high to output low
VICM = 1.35 V, f = 10 kHz, CL =50pF
Overdrive = 10 mV
Overdrive = 100 mV
1.5
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com