Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B230/A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B230/A
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B230/A Datasheet(HTML) 1 Page - Diodes Incorporated

  B230/A Datasheet HTML 1Page - Diodes Incorporated B230/A Datasheet HTML 2Page - Diodes Incorporated B230/A Datasheet HTML 3Page - Diodes Incorporated B230/A Datasheet HTML 4Page - Diodes Incorporated B230/A Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B220/A - B260/A
Document number: DS13004 Rev. 22 - 2
1 of 5
www.diodes.com
July 2015
© Diodes Incorporated
B220/A - B260/A
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Guard Ring Die Construction for Transient Protection
Ideally Suited for Automated Assembly
Low Power-Loss, High Efficiency
Surge Overload Rating to 50A Peak
For Use in Low-Voltage, High-Frequency Inverters,
Free-Wheeling, and Polarity Protection Application
High-Temperature Soldering: +260°C/10 Second at Terminal
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SMA/SMB
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: SMA 0.064 grams (Approximate)
SMB 0.093 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
B2xxA-13-F
Standard
SMA
5,000/Tape & Reel
B2xx-13-F
Standard
SMB
3,000/Tape & Reel
B250Q-13
Automotive
SMB
3,000/Tape & Reel
B240AQ-13-F
Automotive
SMA
5,000/Tape & Reel
B240Q-13-F
Automotive
SMB
3,000/Tape & Reel
* x = Device type, e.g. B260A-13-F (SMA package); B240-13-F (SMB package).
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
Marking Information
Top View
Bottom View
B2X0A = Product type marking code, ex: B220A (SMA package)
B2X0 = Product type marking code, ex: B230 (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 5 for 2015)
WW = Week code (01 to 53)
Green
SMA/SMB


Similar Part No. - B230/A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B230 DIODES-B230 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B230 FUJI-B230 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B230 WEITRON-B230 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Monolithic Power System...
B230 MPS-B230 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
B230 MPS-B230 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
More results

Similar Description - B230/A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com