Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B250/A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B250/A
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B250/A Datasheet(HTML) 3 Page - Diodes Incorporated

  B250/A Datasheet HTML 1Page - Diodes Incorporated B250/A Datasheet HTML 2Page - Diodes Incorporated B250/A Datasheet HTML 3Page - Diodes Incorporated B250/A Datasheet HTML 4Page - Diodes Incorporated B250/A Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B220/A - B260/A
Document number: DS13004 Rev. 22 - 2
3 of 5
www.diodes.com
July 2015
© Diodes Incorporated
B220/A - B260/A
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 2 Typical Reverse Characteristics
100
10
1.0
0.1
0.01
0.001
10
100
1,000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (ºC)
Fig. 4 Forward Current Derating Curve
T
1.5
2.0
2.5
20
30
40
50
16
12
8
4
24
20
32
28
36
40
V , DC REVERSE VOLTAGE (V)
Fig. 5 Operating Temperature Derating (B240)
R
60
70
80
120
130
100
110
150
140
160
0
Note 6
90
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 6 Max Non-Repetitive Peak Forward Surge Current
Note:
7. Device mounted on FR-4 PC board with minimum recommended pad layout pattern as per http://www.diodes.com.
Note 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com